전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JFX1-J2-R

  • AI
    The **JFX1-J2-R** refers to a specific series of high-quality **Polypropylene Film Capacitors** manufactured by **JIAXING (JFX)**, often branded under the **Audiophiler** label. These components are predominantly used in high-fidelity (Hi-Fi) audio systems. ### 1. Component Overview The "JFX" series is designed specifically for crossover networks, coupling, and filtering where signal purity is critical. The "R" suffix typically denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards. | Feature | Specification Details | | :--- | :--- | | **Material** | Metallized Polypropylene Film (MKP) | | **Dielectric** | Polypropylene | | **Tolerance** | Usually ±3% or ±5% (High Precision) | | **Lead Style** | Axial Leads (leads come out of the ends) | | **Color/Housing** | Typically red cylindrical wrap with black/white epoxy end-fill | --- ### 2. Key Technical Characteristics These capacitors are chosen for electronic circuits because of their specific physical and electrical properties: * **Non-Polarized:** Unlike electrolytic capacitors, the JFX1-J2-R can be used in AC signal paths without worrying about polarity (+/-). * **Low Dissipation Factor (DF):** It has very low internal resistance, meaning it doesn't waste energy as heat or distort the signal. * **Self-Healing Properties:** If a high-voltage spike causes a tiny puncture in the film, the metallized layer evaporates around the hole, preventing a short circuit. * **High Stability:** The capacitance value remains stable across a wide range of temperatures and frequencies. --- ### 3. Common Applications The JFX1-J2-R is a staple in the "Audiophile" DIY community and professional audio engineering: 1. **Speaker Crossovers:** Used to split audio signals into different frequency bands for woofers, mid-ranges, and tweeters. 2. **Vacuum Tube Amplifiers:** Frequently used as coupling capacitors between stages to block DC voltage while allowing the AC audio signal to pass. 3. **Signal Filtering:** Used in power supplies for high-end pre-amps to ensure a clean, ripple-free current. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary, the string usually indicates: * **JFX:** Series name (Metallized Polypropylene). * **J:** Tolerance code (J = ±5%). * **Voltage/Value:** Often hidden in the full string (e.g., 250V, 400V, 630V). * **R:** RoHS Compliant. ---
    ✨ Follow-up Questions
    • ⤷ What are the typical voltage ratings available for the JFX series capacitors?
    • ⤷ How does a polypropylene capacitor differ from a ceramic capacitor in audio circuits?
    • ⤷ Can the JFX1-J2-R be used as a direct replacement for an electrolytic capacitor?