전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH177128160ACNUWNTHCWC

  • AI
    Based on the alphanumeric structure of the part number **JH177128160ACNUWNTHCWC**, it appears to be a specialized manufacturer code, likely belonging to a high-capacity **LCD/LED Display Module** or a **Custom Memory/Storage Interface**. While this specific string is a proprietary long-form SKU (common for vendors like *Jinhui*, *Innolux*, or custom industrial suppliers), we can decode the general electronic characteristics usually represented by such naming conventions. --- ### Component Breakdown (Hypothetical) | Segment | Potential Meaning | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often refers to *Jinhui* or a specific industrial hardware series. | | **177 / 128 / 160** | Physical Dimensions / Res | Likely represents a 1.77-inch screen or a 128x160 resolution. | | **ACN** | Controller/Driver Type | Internal ASIC or Driver IC configuration (e.g., ST7735 or similar). | | **UWN / THC** | Backlight / Interface | Ultra-Wide View (UWN) or Temperature Humidity Control (THC). | | **WC** | Connection Type | Wire Connection or Water-resistant Coating. | --- ### General Specifications for this Class of Part If this part is an **Electronic Display Module** (the most common use for this numbering style), it typically features: 1. **Interface Protocol**: SPI (Serial Peripheral Interface) or 8/16-bit Parallel. 2. **Voltage**: Usually operates at **3.3V** (Logic) and **3.3V - 5V** (Backlight). 3. **Display Technology**: TFT (Thin Film Transistor) with an integrated driver chip. 4. **Pinout**: Usually 10 to 40 pins depending on whether it includes a Touch Panel (TP). ### Common Electronic Applications * **Industrial Handhelds**: Diagnostic tools requiring small, robust screens. * **IoT Gateways**: Status displays for smart home or factory hubs. * **Medical Devices**: Pulse oximeters or portable monitors. --- ### Troubleshooting & Integration If you are attempting to interface this part with a microcontroller (like Arduino, ESP32, or STM32), you will need: * **The Datasheet**: Specifically for the **Driver IC** (usually identified by the 'ACN' or similar segment). * **Level Shifters**: If using a 5V MCU with a 3.3V logic display. * **Initialization Code**: A specific hex sequence to wake the internal controller.
    ✨ Follow-up Questions
    • ⤷Can you provide the specific datasheet for the JH177 series?
    • ⤷ What is the pinout configuration for this module?
    • ⤷ Which driver library is compatible with this part number (e.g.
    • ⤷ Adafruit_GFX or Ucglib)?