전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH177128160CCNFNNTZCWC

  • AI
    The part number **JH177128160CCNFNNTZCWC** appears to be a specialized manufacturer code, likely belonging to a high-capacity **TFT LCD Display Module**. While specific datasheets for such long strings are often proprietary to industrial suppliers (like JHD or similar display manufacturers), the alphanumeric structure reveals critical technical specifications. --- ## Technical Specifications Breakdown Based on standard industry naming conventions for display modules, here is the functional breakdown of the components: | Segment | Feature | Description | | :--- | :--- | :--- | | **JH** | Manufacturer | Likely "JingHao" or a similar industrial display OEM. | | **177** | Physical Size | 1.77-inch diagonal screen size. | | **128160** | Resolution | 128 x 160 pixels (Standard QQCIF resolution). | | **CC** | Color Depth | Likely 65K or 262K Full Color (RGB). | | **NF/NN** | Interface/Touch | Non-Touch (NN) or FPC (Flexible Printed Circuit) connection type. | | **TZC** | Backlight Type | White LED (Triple or Zone Control). | | **WC** | Wide Temp | Wide Operating Temperature range (Industrial Grade). | --- ## Key Electronic Components A module with this part number typically consists of the following electronic sub-sections: ### 1. The LCD Driver IC This is the "brain" of the display. For a 128x160 1.77" screen, it usually utilizes one of the following controllers: * **ST7735S** (Sitronix) * **ILI9163** (Ilitek) * **Function:** Translates SPI or MCU parallel data into voltage levels to twist the liquid crystals. ### 2. Backlight Unit (BLU) * **LEDs:** Typically 2 to 4 white LEDs connected in parallel or series. * **Diffuser:** Layers of optical film to ensure uniform brightness across the 1.77" surface. ### 3. FPC (Flexible Printed Circuit) * The "tail" of the display. It contains the gold-plated traces that connect to your PCB. * **Pinout:** Usually includes GND, VCC (3.3V), LED+, LED-, Reset, CS (Chip Select), and Data pins (SDA/SCK). ### 4. Glass Sandwich * **Polarizers:** Two sheets of polarized film (0° and 90°). * **TFT Layer:** Thin-film transistors etched onto glass to control individual sub-pixels. --- ## Usage and Implementation ```cpp // Typical pin configuration for driving this part via Arduino/ESP32 #define TFT_CS 10 #define TFT_RST 9 #define TFT_DC 8 #define TFT_MOSI 11 // Data out #define TFT_SCLK 13 // Clock ``` ### Application Areas * **Handheld Instruments:** Multimeters or portable testers. * **IoT Nodes:** Displaying sensor data (temperature/humidity). * **Industrial Controllers:** Small status monitors for DIN-rail equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard operating voltage for the ST7735 driver used in these displays?
    • ⤷ How do I identify the pinout of a 1.77 inch TFT if the datasheet is unavailable?
    • ⤷ What are the pros and cons of using an SPI interface versus a Parallel interface for this part?