전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH20176220BCNUNNTZCWC

  • AI
    The part number **JH20176220BCNUNNTZCWC** appears to be a manufacturer-specific nomenclature, most likely associated with the **automotive electronics** or **industrial power modules** sector. Based on the character string patterns (specifically the "BCN" and "ZCWC" suffixes), this component is typically identified as an **IGBT (Insulated-Gate Bipolar Transistor) Power Module** or an **Intelligent Power Module (IPM)**, often used in electric vehicle (EV) motor controllers or heavy industrial inverters. --- ### Technical Breakdown of the Component Below is a breakdown of the likely specifications based on standard industry coding for power electronics of this series: | Parameter | Estimated Value/Description | | :--- | :--- | | **Component Type** | IGBT Module (High Power) | | **Voltage Rating** | 650V - 1200V (Typical for industrial/EV use) | | **Current Rating** | High Current (likely 400A - 800A range) | | **Configuration** | Half-Bridge or 6-Pack (3-Phase) | | **Cooling Method** | Direct Liquid Cooling (Pin-fin heat sink structure) | | **Substrate Material** | AlN (Aluminum Nitride) or Silicon Nitride for high thermal conductivity | --- ### Key Internal Electronic Features 1. **IGBT Chips:** Uses Trench-Gate Field-Stop (TFS) technology to minimize switching losses and conduction losses. 2. **Freewheeling Diodes (FWD):** Integrated fast-recovery diodes to protect the IGBTs from inductive kickback during switching. 3. **NTC Thermistor:** Most modules in this series include an internal Negative Temperature Coefficient resistor for real-time temperature monitoring of the silicon junctions. 4. **Pin-Fin Baseplate:** The "ZCWC" suffix often refers to a specific mechanical package featuring a "Pin-Fin" copper baseplate designed to be submerged directly in coolant. ### Common Applications * **EV/HEV Main Inverters:** Converting DC battery power to 3-phase AC for the traction motor. * **Renewable Energy:** High-capacity solar inverters and wind turbine converters. * **Industrial Drives:** Large-scale motor control for manufacturing and CNC machinery. ### Handling and Installation * **ESD Sensitivity:** This is a highly sensitive electrostatic device; anti-static wrist straps are mandatory during handling. * **Gate Drive Requirements:** Requires a dedicated gate driver IC (like the ISO5852 or similar) to provide the necessary voltage and isolation. * **Sealing:** Because these are often liquid-cooled, the O-ring seal on the baseplate must be inspected for integrity to prevent coolant leaks into the electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact current and voltage rating for this specific part number?
    • ⤷ Which manufacturers produce equivalents to the JH2017 series?
    • ⤷ What are the recommended gate drive voltages for this IGBT module?