전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH26240320BCNUNNFZCWC

  • AI
    Based on the alphanumeric structure of the part number **JH26240320BCNUNNFZCWC**, this appears to be a high-density, custom-configured **TFT LCD Display Module**. While specific internal manufacturer datasheets are required for pinout diagrams, the nomenclature typically follows a standardized breakdown for industrial display components. ### 🔍 Technical Breakdown | Segment | Component Attribute | Potential Specification | | :--- | :--- | :--- | | **JH** | Manufacturer Code | Often refers to JingHao or similar specialized display vendors. | | **26240320** | Resolution | Indicates a **240 x 320** pixel resolution (QVGA). | | **BCN** | Controller/Interface | Likely refers to a **MCU** (8/16-bit) or **SPI** interface type. | | **UNN** | Panel Tech | Typically denotes a "Normally White" or "TN" (Twisted Nematic) panel. | | **FZ** | Backlight Type | High-brightness white LED (F-type arrangement). | | **CWC** | Customization | Specific FPC (Flexible Printed Circuit) length or connector pitch. | --- ### 🛠️ Key Electronic Components 1. **Display Driver IC (DDIC):** The heart of this module is usually an integrated driver like the **ILI9341** or **ST7789V**. These chips handle the logic for converting digital data from your microcontroller into the voltages required to twist the liquid crystals. 2. **Backlight Circuitry:** Consists of a series/parallel array of White LEDs. Requires a constant current driver (typically 15-20mA per string) to prevent burnout. 3. **FPC (Flexible Printed Circuit):** The "ribbon" cable that carries signals. It contains gold-plated traces for high-speed data transmission and usually houses passive components like capacitors for voltage stabilization. 4. **Polarizers:** Two layers of optical film (Front and Back) that manage light orientation, essential for the LCD to create an image. --- ### 📊 Common Electrical Characteristics | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage (VDD)** | 2.8V - 3.3V | | **Logic Voltage (IOVDD)** | 1.65V - 3.3V | | **Backlight Forward Voltage** | 3.0V - 3.4V | | **Display Colors** | 65K / 262K (16-bit / 18-bit) | | **Viewing Direction** | 6 o'clock or 12 o'clock | --- **Note:** Always verify the specific **pin mapping** before applying power, as variations in the "CWC" suffix can indicate inverted power pins or different touch-panel configurations (Resistive vs. Capacitive). ---
    ✨ Follow-up Questions
    • ⤷What is the specific controller IC used in this display model?
    • ⤷ Can you provide the pinout for a 240x320 MCU interface display?
    • ⤷ How do I calculate the resistor value for the LED backlight?