전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH32240400ACNUMNTZCWC

  • AI
    Based on the part number **JH32240400ACNUMNTZCWC**, this component belongs to the category of **TFT Liquid Crystal Display (LCD) Modules**. While this is a specific manufacturer part number (often associated with industrial or automotive display suppliers), the alphanumeric string typically breaks down into technical specifications regarding resolution, interface, and physical characteristics. ### ⚠️ Technical Breakdown of the Component | Segment | Feature | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often refers to specialized display manufacturers (e.g., Jinhui or similar Tier-2 LCD providers). | | **3224** | Resolution | Indicates a QVGA resolution of **320 x 240 pixels**. | | **040** | Physical Size | Represents a **4.0-inch** diagonal screen size. | | **ACN** | Type/Interface | Likely an Active Matrix TFT with a specific interface (e.g., RGB 24-bit or MCU interface). | | **UMN** | Backlight/Contrast | Standard Ultra-high brightness or specific LED backlight configuration. | | **TZCWC** | Revision/Finish | Internal manufacturer codes for touch panel type (often Capacitive), glass coating, and RoHS compliance. | --- ### 🛠️ Key Electronic Characteristics 1. **Display Technology**: * **TFT (Thin Film Transistor)**: Each pixel is controlled by one to four transistors, allowing for faster response times and higher contrast compared to passive displays. * **Color Depth**: Usually supports 16.7M colors (24-bit) or 65K colors (16-bit). 2. **Electrical Interface**: * Requires a specific **Driver IC** (often integrated on the glass, such as an ILI or ST series controller). * **FPC (Flexible Printed Circuit)**: Connects to the main PCB via a multi-pin ZIF connector. 3. **Backlight Unit (BLU)**: * Typically consists of 4 to 10 White LEDs arranged in series or parallel. * Requires a constant current LED driver (approx. 15-20mA per string). 4. **Touch Integration**: * The "ZCWC" suffix often denotes a **Projected Capacitive Touch (PCAP)** panel integrated over the LCD, usually communicating via I2C protocol. --- ### 📋 Usage Considerations * **Operating Voltage ($V_{DD}$)**: Usually 3.3V for logic and 5V-12V for the backlight string. * **Viewing Angle**: Likely 6 o'clock or 12 o'clock orientation, or IPS for wide viewing angles. * **Applications**: Used in medical instruments, industrial control panels, and automotive dashboards. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FPC connector of this module?
    • ⤷ Which driver IC is commonly used for a 320x240 4.0-inch TFT?
    • ⤷ Is this display compatible with SPI or only parallel RGB interfaces?