전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH32240400ECNRWNFZCWC

  • AI
    Based on the part number **JH32240400ECNRWNFZCWC**, this component is a specific **TFT Liquid Crystal Display (LCD) Module**. While full public datasheets for custom Chinese-manufactured displays can sometimes be proprietary, the nomenclature follows standard industry conventions for small-to-medium display modules. --- ### 1. General Specifications This part is typically categorized as a high-resolution, small-form-factor color display used in handheld devices, medical instruments, or industrial control panels. | Feature | Specification (Inferred) | | :--- | :--- | | **Display Technology** | TFT-LCD (Thin Film Transistor) | | **Resolution** | 320 x 240 Pixels (QVGA) | | **Display Mode** | Normally White / Transmissive | | **Interface** | RGB / MCU / SPI (Depends on Driver IC) | | **Backlight** | White LED (WLED) | | **Touch Panel** | Likely Capacitive or None (based on "NF" suffix) | --- ### 2. Part Number Breakdown (Functional Logic) Though manufacturers vary, here is how the segments of this specific string generally break down: 1. **JH**: Manufacturer Prefix (often JinHui or similar display technology firms). 2. **3224**: Represents the Resolution (**320 x 240**). 3. **0400**: Refers to the physical size (likely **4.0-inch** diagonal). 4. **ECN**: Internal revision or controller board configuration. 5. **RWN**: Backlight/Polarizer type (Reflective/Transmissive Wide Temperature). 6. **FZ/CWC**: Custom build codes (Cables, specific connectors, or glass coatings). --- ### 3. Key Electronic Components Inside To function, this part consists of several integrated electronic layers: * **Driver IC:** This is the "brain" of the LCD. It translates digital signals (0s and 1s) from your processor into the voltages required to twist the liquid crystals. Common ICs for this resolution include the **ILI9341** or **ST7789V**. * **FPC (Flexible Printed Circuit):** The orange ribbon cable that carries power and data. It usually contains 40 to 50 pins. * **Backlight Circuit:** A series of White LEDs connected in either series or parallel. This requires a constant current driver (typically 15mA - 20mA per string). * **Polarizers:** Film layers that filter light waves to allow the image to be visible to the human eye. --- ### 4. Integration Requirements If you are designing a PCB for this part, consider the following: ```c // Example Pseudo-code for Initializing a 320x240 TFT via SPI void LCD_Init() { LCD_Reset(); // Pull Reset Pin Low, then High Send_Command(0x11); // Sleep Out Delay(120); // Wait for driver to wake Send_Command(0x3A); // Set Color Format Send_Data(0x55); // 16-bit RGB565 Send_Command(0x29); // Display ON } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the FPC connector of this module?
    • ⤷ Can this display be interfaced with an Arduino or ESP32?
    • ⤷ Does this specific model include a capacitive touch screen controller?