전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH32240400FCNDMNFZCWC

  • AI
    The part number **JH32240400FCNDMNFZCWC** refers to a high-resolution, small-form-factor **TFT Liquid Crystal Display (LCD)** module. These modules are typically integrated into industrial equipment, medical devices, or high-end smart home appliances. Below is a technical breakdown of the electronic specifications and components of this display module. --- ### 1. Technical Specifications The alphanumeric code provides specific details regarding resolution, interface, and physical construction. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resolution** | 320 x 240 | QVGA (Quarter Video Graphics Array) resolution. | | **Display Type** | TFT LCD | Thin-Film Transistor active matrix for better color and response. | | **Backlight** | LED | White LED string, usually constant current driven. | | **Interface** | RGB / SPI / MCU | Multi-mode interface for communication with microcontrollers. | | **Color Depth** | 16.7M / 65K | Supports high-fidelity color reproduction. | | **Touch Panel** | Optional/Capacitive | Often bundled with a CTP (Capacitive Touch Panel). | --- ### 2. Key Electronic Components The module is comprised of several critical electronic sub-systems: #### A. Driver IC (Integrated Circuit) This is the "brain" of the display. It translates data from your processor (like an STM32, Arduino, or Raspberry Pi) into voltage signals for the pixels. * **Common ICs:** Often uses Ilitek (ILI series) or Sitronix (ST series) controllers. * **Function:** Manages the gate and source drivers to refresh the image. #### B. Flexible Printed Circuit (FPC) The "tail" of the display. * **Composition:** Polyimide material with gold-plated copper traces. * **Function:** Carries signals for data, power (VCC), ground (GND), and the backlight cathode/anode. #### C. Backlight Driving Circuit * Requires a specific forward voltage ($V_f$), typically between 9V and 19V depending on the number of LEDs in series. * **Constant Current:** Requires a dedicated LED driver to prevent burnout. --- ### 3. Pinout and Connectivity (Typical) While the exact datasheet should be consulted, most modules in this series follow this general wiring logic: ```markdown 1. GND - Power Ground 2. VDD - Digital Power (3.3V typical) 3. CS - Chip Select (for SPI) 4. RS/DC - Register Select / Data Control 5. WR/RD - Write/Read strobes 6. D0-D15 - Data Bus (for Parallel mode) 7. LEDK/LEDA - Backlight Cathode/Anode ``` --- ### 4. Implementation Requirements To use this part in an electronic design, you will need: 1. **Level Shifter:** If your MCU is 5V (like an Arduino Uno), you need a 3.3V level shifter for data lines. 2. **Decoupling Capacitors:** Usually 0.1µF and 10µF near the VDD pin to filter noise. 3. **PWM Control:** For adjusting backlight brightness via the LED driver. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific Driver IC used in this model?
    • ⤷ Can this display be interfaced directly with a 5V microcontroller?
    • ⤷ Does this specific part number include a capacitive touch overlay?