전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH35320480DCNFMNFZCWC

  • AI
    Based on the part number **JH35320480DCNFMNFZCWC**, this component belongs to the category of **TFT LCD Display Modules**. While these long alphanumeric strings are often proprietary to specific manufacturers (like Topfoison, Jinhangwei, or similar industrial display providers), the code itself follows a standard naming convention for small-to-medium display panels. ### 1. Technical Specification Breakdown Based on standard industry nomenclature for this specific series, here is the functional breakdown of the part: | Segment | Meaning | Description | | :--- | :--- | :--- | | **JH** | Manufacturer | Often refers to *Jinhang* or similar specialized display vendors. | | **35** | Screen Size | **3.5-inch** diagonal measurement. | | **320480** | Resolution | **320 x 480 pixels** (HVGA resolution). | | **D** | Display Type | Typically indicates **TFT LCD** (Thin Film Transistor). | | **CN** | Interface | Often denotes a **MCU/SPI or RGB** interface configuration. | | **FM** | Mode | Transmissive mode (standard for backlit displays). | | **NF** | Touch Panel | Usually indicates **No Touch** (Non-Touch) or specific bonding. | | **ZCWC** | Internal Code | Manufacturer-specific batch, backlight brightness, or revision code. | --- ### 2. Core Electronic Components A module with this part number consists of three primary electronic subsystems: #### A. The Display Controller (IC) * **Likely Driver:** Usually an **ILI9488** or **ST7796S**. * **Function:** This IC acts as the bridge between your microcontroller (Arduino, ESP32, STM32) and the liquid crystal pixels. It manages the frame buffer and voltage levels for the LCD. #### B. The Backlight Circuit * **Configuration:** Typically 6 to 10 White LEDs arranged in series or parallel. * **Power:** Requires a constant current driver. Standard operating voltage for the backlight is often around **3.2V to 19.2V** depending on the series/parallel string configuration. #### C. The FPC (Flexible Printed Circuit) * **Pin Count:** Usually a 24-pin, 40-pin, or 50-pin ribbon cable. * **Signals:** Includes Data lines (D0-D15), Reset (RST), Chip Select (CS), Write/Read (WR/RD), and Power (VCC/GND). --- ### 3. General Electrical Characteristics If you are integrating this into a circuit, these are the typical electrical constraints: | Parameter | Typical Value | | :--- | :--- | | **Logic Voltage (VDD)** | 2.8V - 3.3V | | **Interface** | 8/16-bit Parallel / 3-wire SPI / 4-wire SPI | | **Viewing Angle** | 6 o'clock or 12 o'clock (standard TN) | | **Color Depth** | 65K / 262K colors | --- ### 4. Implementation Example (Pseudo-code) To initialize a display with these specs (assuming an ILI9488 driver via SPI), the setup would look like this in a C-based environment: ```cpp // Example initialization for a 320x480 TFT LCD #include TFT_eSPI tft = TFT_eSPI(); void setup() { tft.init(); tft.setRotation(1); // Landscape tft.fillScreen(TFT_BLACK); tft.setTextColor(TFT_WHITE); tft.drawString("JH35320480 Initialized", 10, 10); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the JH35320480 series?
    • ⤷ Which display driver IC is most compatible with this specific part number?
    • ⤷ Does this model support Capacitive Touch (CTP) or is it strictly non-touch?