전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH35320480DCNRNNTHCWC

  • AI
    The part number **JH35320480DCNRNNTHCWC** refers to a high-resolution **TFT-LCD Display Module**. These modules are typically used in embedded systems, handheld devices, and industrial control panels. Below is a breakdown of the electronic components and technical specifications associated with this specific module. --- ### 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Display Type** | TFT LCD (Thin Film Transistor) | | **Screen Size** | 3.5 Inch (Diagonal) | | **Resolution** | 320 x 480 Pixels (HVGA) | | **Interface** | MCU / SPI / RGB (Varies by specific controller configuration) | | **Touch Panel** | Typically Capacitive (CTP) or None (indicated by the suffix) | | **Backlight** | White LED (Serial or Parallel) | --- ### 2. Breakdown of the Part Number Logic While manufacturer naming conventions vary slightly, the string follows this general architectural logic for display modules: * **JH**: Manufacturer Identifier (e.g., JingHao or similar display vendors). * **35**: Represents the physical size (3.5 inches). * **320480**: Represents the pixel resolution (320 Width x 480 Height). * **DCN**: Internal design code for the driver IC type and glass arrangement. * **RNN**: Refers to the viewing angle (often "All View" or IPS technology). * **THCWC**: Specific hardware revision, backlight brightness level, or connector type. --- ### 3. Key Electronic Sub-systems #### A. The LCD Driver IC This is the "brain" of the module. For a 320x480 resolution, it commonly utilizes chips like the **ILI9488** or **ST7796S**. This IC handles: * Voltage regulation for the liquid crystals. * Frame buffering. * The communication interface with your microcontroller (MCU). #### B. The Backlight Circuit The module contains a string of White LEDs. * **Voltage:** Usually requires 19V - 25V (if in series) or 3.2V (if in parallel). * **Driving:** Requires a constant current LED driver to prevent flickering and burnout. #### C. FPC (Flexible Printed Circuit) The ribbon cable at the bottom contains the signal lines. This includes: * **Data Pins:** DB0-DB15 (for 16-bit parallel) or MOSI/MISO (for SPI). * **Control Pins:** CS (Chip Select), RS (Register Select), WR (Write), RD (Read), and RESET. --- ### 4. Integration Requirements To use this part in an electronic project, you will need: 1. **Level Shifter:** If your MCU is 5V (like an Arduino Uno) and the display is 3.3V. 2. **PWM Pin:** To control the backlight brightness via a MOSFET. 3. **Library:** Use libraries such as `Adafruit_GFX` or `LVGL` for UI rendering.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the FPC connector on this module?
    • ⤷ Which Driver IC (e.g. ILI9488) does this specific part use?
    • ⤷ What is the recommended operating voltage for the VCI and IOVCC pins?