AI

Based on the part number **JH40480800CCNSNNTHCWC**, this component is a specific **TFT LCD Display Module**. While part numbering conventions vary by manufacturer (common in displays from industrial suppliers like JHD or similar Chinese OEMs), the string follows a standard nomenclature for liquid crystal displays.
### Component Breakdown
| Segment | Possible Meaning | Technical Significance |
| :--- | :--- | :--- |
| **JH** | Manufacturer Code | Often refers to JingHao or a similar industrial display provider. |
| **40480800** | Resolution | Indicates a **480 x 800** pixel resolution (common for 4.0" to 5.0" portrait displays). |
| **CC** | Interface / Controller | Often denotes a specific interface type (e.g., MIPI, RGB, or MCU). |
| **NSNN** | Physical Specs | Relates to the backlight type, polarizer (Non-transmissive/Standard), and viewing angle. |
| **THCWC** | Customization | Internal factory codes for FPC (Flexible Printed Circuit) design and touch panel integration. |
---
### Technical Specifications
Typically, a display with this part number prefix carries the following electronic characteristics:
#### 1. Display Technology
* **Panel Type:** TFT (Thin Film Transistor) Active Matrix.
* **Colors:** 16.7M (24-bit) or 65K (16-bit) colors.
* **Aspect Ratio:** 3:5 (Portrait orientation).
#### 2. Electrical Interface
* **Signal Type:** Most 480x800 displays use **MIPI DSI** (2-lane or 3-lane) or **24-bit Parallel RGB**.
* **Operating Voltage ($V_{DD}$):** Typically 2.8V to 3.3V for logic.
* **Backlight ($V_{LED}$):** Requires a constant current driver, often around 15V-20V depending on the number of LEDs in series.
#### 3. Optical Properties
* **Brightness:** Standard industrial range (300–500 cd/m²).
* **Touch Panel:** The "TH" in the suffix often implies a **Capacitive Touch Panel (CTP)** is bonded to the front of the LCD.
---
### Pinout and Integration Considerations
To integrate this part into a circuit, you must identify the **FPC (Flexible Printed Circuit)** pin count.
* **Common Pin Counts:** 40-pin or 50-pin are standard for this resolution.
* **Driver IC:** Likely uses an **Ilitek (ILI)**, **Sitronix (ST)**, or **Himax** driver IC integrated onto the glass (COG).
---
### Application Usage
This specific module size and resolution are commonly found in:
1. **Handheld Industrial Terminals:** Barcode scanners and GPS units.
2. **Smart Home Controllers:** Wall-mounted thermostats or security panels.
3. **Medical Monitors:** Portable diagnostic tools.
- ⤷
What is the exact pinout for the JH40480800CCNSNNTHCWC connector?
- ⤷ Which driver IC (e.g.
- ⤷ ILI9806) is compatible with this display?
- ⤷ What is the recommended backlight driving current for this specific model?