전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH40480800DCNDNNTHCWC

  • AI
    Based on the technical nomenclature, the part number **JH40480800DCNDNNTHCWC** refers to a **TFT Liquid Crystal Display (LCD) module**, typically manufactured by industrial display providers like JinnHwa (JH) or similar specialized manufacturers. Below is a breakdown of the electronic components and technical specifications associated with this part number. --- ### 1. Technical Specification Breakdown Most industrial LCD part numbers are alphanumeric codes representing specific hardware attributes. | Segment | Feature | Description | | :--- | :--- | :--- | | **JH** | Manufacturer | JinnHwa (or equivalent industrial display brand). | | **40** | Size | Typically refers to a **4.0-inch** diagonal screen size. | | **480800** | Resolution | **480 x 800 pixels** (WVGA), usually in portrait orientation. | | **DCN** | Interface | High-speed digital interface, likely **MIPI DSI** or **RGB 24-bit**. | | **THCW** | Backlight/Type | High-brightness White LED (WLED) backlight with wide viewing angles. | | **C** | Touch Panel | Indicates a **Capacitive Touch Panel (CTP)** is integrated. | --- ### 2. Key Electronic Components This module consists of several sub-systems integrated into one unit: #### A. The LCD Panel (Glass) * **Technology:** Likely **IPS (In-Plane Switching)**, allowing for wide viewing angles (80/80/80/80) and consistent color reproduction. * **Active Matrix:** Uses Thin Film Transistors (TFT) to control each individual pixel. #### B. Driver IC (Integrated Circuit) * **Function:** Acts as the "brain" of the display, converting data signals from the host (MCU/CPU) into voltages that twist the liquid crystals. * **Common Models:** Often uses controllers like the **ILI9806** or **ST7701S** for this resolution class. #### C. Backlight Unit (BLU) * **Circuitry:** Consists of a string of white LEDs (usually 8–12 LEDs) connected in series or parallel. * **Requirements:** Requires a **Constant Current LED Driver** on the host PCB to manage brightness via PWM (Pulse Width Modulation). #### D. Capacitive Touch Controller * **Interface:** Usually communicates via **I2C** protocol. * **Function:** Processes multi-touch gestures and coordinates. --- ### 3. Connection & Interface Details To integrate this part into an electronic system, you generally interface with a **Flexible Printed Circuit (FPC)** connector. ```yaml Interface_Type: MIPI DSI or RGB 24-bit Connector_Pins: Typically 40-pin or 50-pin FPC Logic_Voltage: 2.8V to 3.3V (VCI/VDDI) Backlight_Voltage: ~15V - 25V (depending on LED string configuration) Touch_Interface: I2C (SDA, SCL, INT, RST) ``` --- ### 4. Common Applications Due to the 480x800 resolution and 4-inch form factor, this part is frequently found in: * **Handheld Industrial Terminals:** Barcode scanners and POS systems. * **Smart Home Controllers:** Wall-mounted thermostats or security panels. * **Medical Devices:** Portable monitoring equipment. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout for the 40-pin FPC on this JH40480800 model?
    • ⤷ Does this display require a specific initialization code for the ILI9806 driver?
    • ⤷ What is the typical brightness level (nits) for the THCW backlight variant?