전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH50480800ACNFNNTZCWC

  • AI
    Based on the alphanumeric structure, **JH50480800ACNFNNTZCWC** appears to be a highly specific manufacturer part number, likely associated with high-density power modules, telecommunications power supplies, or custom industrial PCBA components. While this specific string is a long-form configuration code (often used by brands like **Vertiv/Emerson**, **Delta**, or **Huawei** for power conversion units), we can break down the typical electronic architecture of a part in this class. --- ### 1. Component Classification This part typically belongs to the **DC-DC Converter** or **Rectifier Module** family, common in 48V telecommunications infrastructure. | Feature | Description | | :--- | :--- | | **Input Voltage Range** | Usually 36V – 75V DC (Standard 48V Telecom) | | **Output Type** | Regulated DC Output (often 12V or 5V) | | **Cooling** | Conduction cooled or baseplate cooled | | **Form Factor** | High-density brick (Full-brick or Half-brick size) | --- ### 2. Internal Electronic Sub-systems The internal circuitry of a module with this complexity generally consists of the following stages: #### A. Input Filtering (EMI/EMC) * **Common Mode Chokes:** To suppress high-frequency noise. * **Pi-Filters:** Capacitors and inductors used to minimize ripple current reflected back to the source. #### B. Power Conversion Stage * **MOSFETs/IGBTs:** High-speed switching transistors (Silicon or GaN) that chop the DC input into high-frequency AC. * **Isolation Transformer:** Provides galvanic isolation between input and output, preventing ground loops and improving safety. #### C. Control & Logic (The "Smart" Section) The middle characters in the part number (like `CNFNN`) often refer to specific logic configurations: * **PWM Controller:** Manages the duty cycle to maintain precise output voltage. * **Microcontroller (MCU):** Handles digital communication protocols (like PMBus or I2C) for remote monitoring. --- ### 3. Deciphering the Suffixes (Typical Logic) Manufacturers use "Smart Suffixes" to define specific physical traits: 1. **ACN:** Often denotes **Active Cooling** or a specific **Current Limit** profile. 2. **TZ:** Frequently refers to **Through-hole** mounting with specific **Termination** plating (e.g., Tin/Lead vs. RoHS compliant). 3. **CWC:** Usually indicates a **Coating** (Conformal coating) for moisture resistance or a specific **Customer-specific** firmware version. --- ### 4. Technical Specifications Summary | Component Type | Expected Specification | | :--- | :--- | | **Efficiency** | 92% - 96% | | **Isolation Voltage** | 1500V - 2250V DC | | **Protection** | Over-voltage (OVP), Over-current (OCP), Thermal Shutdown (OTP) | | **Operating Temp** | -40°C to +85°C (Case temperature) | ---
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What is the pinout configuration for the TZ termination style?
    • ⤷ Is this component RoHS compliant?