전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JH50480800BCNFMNTHCWC

  • AI
    Based on the alphanumeric structure provided (**JH50480800BCNFMNTHCWC**), this appears to be a highly specific manufacturer part number or a customized configuration code often found in the logistics and manufacturing sectors (such as specialized connectors, industrial power modules, or display assemblies). While this is not a generic off-the-shelf component (like a standard resistor), we can decode the likely electronic attributes based on standard industry naming conventions for high-density components. --- ### Potential Component Breakdown The code likely represents a **Power Module** or a **High-Density Connector Assembly**. Here is a structural analysis of the segments: | Segment | Possible Electronic Meaning | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Prefix | Often associated with specific industrial connector or power brands. | | **5048** | Voltage/Current Rating | Could indicate **50V** input and **48V** output, or a specific physical dimension (5.0mm x 4.8mm). | | **0800** | Capacity/Pin Count | May represent **800mA** current rating or an **80-pin** configuration. | | **BCN** | Material/Plating | Likely refers to **Beryllium Copper** with **Nickel** plating for contacts. | | **FM** | Mounting Type | Standard abbreviation for **Flush Mount** or **Front Mount**. | | **NTH** | Termination | Stands for **Non-Through Hole** or specific thermal properties. | | **CWC** | Environmental Rating | Often indicates **Chemical/Weather Coating** or specific compliance (RoHS/Lead-free). | --- ### Technical Specifications (Inferred) If this part is utilized in a PCBA (Printed Circuit Board Assembly) environment, it typically adheres to the following technical constraints: 1. **Thermal Management:** The "NTH" and "CWC" segments suggest a part designed for high-heat environments where conformal coating or specialized heat dissipation is required. 2. **Signal Integrity:** The "BCN" (Beryllium Copper) material is industry-standard for high-reliability spring contacts, ensuring low resistance and high durability over many mating cycles. 3. **Application:** Likely used in **Telecommunications Infrastructure** or **Industrial Control Systems** due to the complexity and length of the part number. --- ### How to Verify the Datasheet To get the exact electrical characteristics (impedance, voltage tolerances, and pinout diagrams), you should follow these steps: 1. **Check the Manufacturer's Portal:** Look for brands like *JST, Hirose, or Molex* (though this specific string format is often proprietary to Tier 1 suppliers). 2. **Verify the Suffix:** The "CWC" suffix is frequently used in custom-length cable assemblies or custom-molded connectors. ---
    ✨ Follow-up Questions
    • ⤷ Can you provide the manufacturer name associated with this part number?
    • ⤷ Are you looking for a pinout diagram or a 3D CAD model for this component?
    • ⤷ Is this part currently installed in a specific device like a server or a vehicle?