JM-104W-R
AI

Based on technical specifications for industrial displays and touch controllers, the **JM-104W-R** typically refers to a **10.4-inch Resistive Touch Panel** or an integrated display module often used in industrial HMI (Human Machine Interface) applications.
---
## 1. Core Component Specifications
The "R" in the suffix usually denotes **Resistive** touch technology, which is common in industrial settings where users may wear gloves.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Screen Size** | 10.4 Inches (Diagonal) |
| **Aspect Ratio** | 4:3 |
| **Touch Type** | 4-Wire or 5-Wire Analog Resistive |
| **Interface** | FPC (Flexible Printed Circuit) - 4/5 pin |
| **Input Method** | Finger, Stylus, or Gloved Hand |
| **Surface Hardness** | 3H or higher |
---
## 2. Electronic Architecture
The electronic parts of the JM-104W-R system generally consist of three main layers:
### A. The Sensor Layer (ITO Glass/Film)
* **Indium Tin Oxide (ITO):** Two transparent conductive layers separated by tiny "spacer dots."
* **Voltage Gradient:** When the screen is touched, the layers meet, creating a voltage drop that the controller calculates as an X/Y coordinate.
### B. The FPC (Flexible Printed Circuit)
* **Gold-plated connectors:** Used to interface with the touch controller board.
* **Durability:** Designed to withstand bending during installation into a metal chassis.
### C. Controller Integration (External or On-board)
The JM-104W-R requires a control IC (Integrated Circuit) to convert analog signals to digital USB or RS232 signals. Common chips used with this panel include:
* **EETI (eGalax):** High-stability controllers for industrial noise immunity.
* **Microchip (AR1000 series):** Low-power resistive touch encoders.
---
## 3. Connectivity Pinout (Typical 4-Wire)
If you are repairing or integrating this part, the standard 4-wire resistive pinout is usually:
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| 1 | **Y+** | Top Electrode |
| 2 | **Y-** | Bottom Electrode |
| 3 | **X+** | Right Electrode |
| 4 | **X-** | Left Electrode |
---
### 🛠️ Maintenance & Compatibility Notes
1. **Calibration:** Unlike capacitive screens (phones), the JM-104W-R requires 4-point or 9-point software calibration.
2. **Environmental Resistance:** These electronic parts are typically rated for high temperatures (up to +70°C) and are immune to EMI (Electromagnetic Interference).
3. **Voltage:** Operating voltage is usually low (DC 3.3V to 5V via the controller).
- ⤷
Does the JM-104W-R require a specific driver for Windows or Linux systems?
- ⤷ What is the difference in wiring between the 4-wire and 5-wire versions of this panel?
- ⤷ Can this touch panel be used with a standard Raspberry Pi HDMI controller?