전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JM-144W-R/

  • AI
    The **JM-144W-R** is a specific model of a **Miniature Magnetic Reed Switch**. These components are widely used in security systems, proximity sensors, and industrial automation because they operate without physical contact. --- ### 1. Key Technical Specifications Below are the typical electronic characteristics for the JM-144W-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Form** | Form A (Normally Open - SPST) | | **Switching Power** | 10W (Maximum) | | **Switching Voltage** | 100V DC / 125V AC | | **Switching Current** | 0.5A | | **Contact Resistance** | < 100 mΩ | | **Operating Temperature** | -20°C to +80°C | | **Housing Material** | High-grade ABS / Plastic | --- ### 2. Functional Components The device consists of three primary electronic/mechanical parts: 1. **The Reed Switch:** Two ferromagnetic blades (reeds) hermetically sealed in a glass envelope. In the "R" (Rectangular) housing, this glass tube is protected by a plastic shell. 2. **Magnetic Actuator:** A separate permanent magnet housed in an identical plastic casing. 3. **Terminal Wires:** Usually pre-installed leads (often UL-rated wire) for connecting the switch to a control panel or microcontroller. --- ### 3. How it Works (Logic Flow) The JM-144W-R operates on the principle of magnetism: * **State 1 (Open):** When the magnetic actuator is far away, the internal reeds are separated. No current flows through the circuit. * **State 2 (Closed):** When the magnet comes within the **Sensing Distance** (typically 15mm–25mm), the magnetic field induces opposite polarity in the reeds, causing them to snap together and complete the circuit. --- ### 4. Implementation Example If you are connecting this to an Arduino or a security panel, you would use a pull-up resistor configuration: ```cpp // Example: Basic door sensor logic const int sensorPin = 2; // Connected to JM-144W-R void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal resistor Serial.begin(9600); } void loop() { int sensorState = digitalRead(sensorPin); if (sensorState == LOW) { Serial.println("Door Closed"); } else { Serial.println("Door Open!"); } } ``` --- ### 5. Application Areas * **Home Security:** Detecting the opening of windows or doors. * **Industrial Sensing:** Limit switches for moving machinery. * **Smart Appliances:** Detecting if a lid or a safety guard is in place.
    ✨ Follow-up Questions
    • ⤷What is the maximum sensing distance for the JM-144W-R?
    • ⤷ Can this switch be used to directly drive a high-power motor?
    • ⤷ What is the difference between Form A and Form C reed switches?