전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JM-145W-R/

  • AI
    The **JM-145W-R** is a specific electronic component, commonly identified as a **Micro-Switch** (Snap Action Switch) or a **Bimetallic Thermostat**, often utilized in household appliances like electric kettles, water heaters, and coffee makers. Below is a breakdown of its technical specifications, construction, and functionality. --- ### 1. Technical Specifications This component is designed to handle high current and high temperature, typical of heating elements. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Snap Action Micro-switch / Thermal Cut-off | | **Current Rating** | 13A to 16A | | **Voltage Rating** | 250V AC | | **Operation Type** | Manual Reset or Automatic (model dependent) | | **Terminal Type** | Faston / Quick Connect (usually 6.3mm) | | **Material** | Heat-resistant Plastic / Ceramic / Silver Alloy Contacts | --- ### 2. Key Internal Components The "electronics" of the JM-145W-R are primarily electromechanical. Here are the core parts: 1. **Silver Alloy Contacts:** Used for the actual switching mechanism. Silver is used to minimize electrical resistance and prevent oxidation under high current loads. 2. **Bimetallic Disc:** The "sensing" element. It consists of two metals with different expansion rates. When the temperature reaches a threshold, the disc snaps, pushing a plunger to open the circuit. 3. **Spring Mechanism:** Provides the "snap" action to ensure the contacts open or close instantly, reducing electrical arcing. 4. **Phenolic/Ceramic Housing:** The outer casing designed to withstand temperatures exceeding 100°C without melting or losing structural integrity. --- ### 3. Functional Operation The JM-145W-R acts as a **safety interlock** or **temperature regulator**. * **Heating Phase:** The circuit remains closed, allowing power to flow to the heating element. * **Trip Point:** Once the sensor (internal bimetal) reaches the pre-set temperature (e.g., boiling point), the internal lever snaps. * **Protection:** By cutting the power, it prevents "dry boiling" (boiling when no water is present) or overheating, which could cause a fire. --- ### 4. Schematic Representation In a circuit diagram, the part is represented as a switch connected in series with the load. ```mermaid graph LR A[Power Input L] --> B(JM-145W-R Switch) B --> C[Heating Element] C --> D[Power Neutral N] style B fill:#f96,stroke:#333,stroke-width:2px ``` --- ### 5. Common Failure Signs * **No Power:** The internal contacts are burnt or stuck in the "Open" position. * **Wont Turn Off:** The contacts have fused together due to arcing, preventing the device from shutting off at the set temperature. * **Intermittent Connection:** Loose internal springs or oxidized terminals.
    ✨ Follow-up Questions
    • ⤷ What are the safety precautions when replacing a JM-145W-R in an appliance?
    • ⤷ Can a 13A rated JM-145W-R be replaced with a 16A version?
    • ⤷ How do I test if the bimetallic disc is still functional using a multimeter?