전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JM-15A-R

  • AI
    The **JM-15A-R** is a specific model of an electronic component, typically categorized as a **Micro Switch** (often used in microwave ovens, industrial machinery, and control circuits). Below is a detailed breakdown of its electronic parts, specifications, and functions. --- ### 1. Key Technical Specifications The JM-15A-R is designed to handle high-current loads and is defined by its electrical ratings and mechanical endurance. | Parameter | Specification | | :--- | :--- | | **Model Number** | JM-15A-R | | **Current Rating** | 15A (Amperes) | | **Voltage Rating** | 125V / 250V AC | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Contact Material** | Silver Alloy (for high conductivity) | | **Mechanical Life** | > 1,000,000 Cycles | | **Terminal Type** | Quick Connect / Solder Terminals | --- ### 2. Internal Electronic Parts The device consists of several precision-engineered internal components that allow it to function as a reliable switch. * **Actuator (Plunger/Button):** The external part that physical force is applied to. It transmits the mechanical movement to the internal spring. * **Contact Points:** These are the most critical electronic parts. Usually made of **Silver Alloy**, they open or close the circuit. * **Spring Mechanism:** A snap-action beryllium copper spring that ensures the contacts move quickly to minimize electrical arcing (sparking). * **Housing/Casing:** Made of high-temperature resistant plastic (usually Phenolic or PBT) to prevent melting during high-current operations. * **Terminals:** * **COM (Common):** The input terminal. * **NO (Normally Open):** The circuit is closed only when the button is pressed. * **NC (Normally Closed):** The circuit is open when the button is pressed. --- ### 3. Functional Working Principle The JM-15A-R operates on the **Snap-Action** principle. When the actuator is depressed past a specific "trip point," the internal spring snaps the contacts from the NC position to the NO position instantly. This speed is crucial for: 1. **Reducing Arcing:** Preventing the air between contacts from ionizing and burning the metal. 2. **Precision:** Ensuring the switch triggers at exactly the same physical point every time. --- ### 4. Common Applications Due to its 15A rating, this part is commonly found in: * **Microwave Ovens:** As a door interlock safety switch. * **Industrial Converters:** Sensing the position of moving parts. * **Home Appliances:** Used in blenders, heaters, and vacuum cleaners. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the JM-15A-R and a standard light switch?
    • ⤷ How do I test if a JM-15A-R switch is faulty using a multimeter?
    • ⤷ Can this switch be used for DC applications instead of AC?