전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • JRQ2-12-R

  • AI
    The **JRQ2-12-R** is a high-performance, subminiature intermediate power relay, typically used in industrial automation, communication equipment, and household appliances. It is designed for PCB (Printed Circuit Board) mounting. --- ### ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the JRQ2-12-R relay: | Parameter | Specification | | :--- | :--- | | **Coil Voltage** | 12V DC | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Contact Material** | Silver Alloy (often AgNi or AgSnO2) | | **Max Switching Current** | 2A to 5A (model dependent, usually 2A for signal types) | | **Max Switching Voltage** | 250VAC / 125VDC | | **Coil Power Consumption** | Approx. 150mW to 200mW (High sensitivity) | | **Dielectric Strength** | 1000VAC (between open contacts) | | **Mounting Type** | Through-hole PCB | --- ### ## 2. Core Electronic Components The device functions through the interaction of three main internal sections: #### **A. The Electromagnetic Coil** * **Function:** Converts the 12V DC electrical input into a magnetic field. * **Construction:** Fine copper wire wound around a core. When energized, it pulls the armature toward the core. #### **B. The Contact System (DPDT)** * **Structure:** Since it is a **2 Form C** relay, it contains two independent sets of change-over contacts. * **Operation:** Each set has a Common (COM), Normally Open (NO), and Normally Closed (NC) pin. * **Application:** This allows the relay to switch two separate circuits simultaneously or reverse the polarity of a motor. #### **C. The Mechanical Frame** * **Armature & Spring:** A mechanical linkage that returns the contacts to their default (NC) position once the 12V power is removed from the coil. * **Housing:** Usually a plastic sealed (wash-tight) enclosure to protect internal parts from dust and soldering flux. --- ### ## 3. Typical Circuit Application When integrating the JRQ2-12-R into a circuit, developers usually include a **Flyback Diode** (Freewheeling Diode) in parallel with the coil. ```python # Simple Relay Driver Logic # [VCC 12V] ---> [Relay Coil (+)] # [Relay Coil (-)] ---> [Collector of NPN Transistor] # [Emitter of NPN] ---> [GND] # [Diode 1N4148] ---> [Parallel to Coil, Cathode to VCC] ``` --- ### ## 4. Key Advantages 1. **Small Footprint:** Ideal for high-density PCB layouts. 2. **Low Power Consumption:** Can be driven by low-power transistors or integrated circuits with minimal heat generation. 3. **High Isolation:** Provides physical separation between the low-voltage control logic and high-voltage loads.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the JRQ2-12-R?
    • ⤷ Can this relay be driven directly by an Arduino GPIO pin?
    • ⤷ What is the mechanical life expectancy of this relay in cycles?