AI

The **JRQ2-1G-R** is a specific electronic component, typically categorized as a **High-Frequency (RF) Surface Mount Relay**. These components are widely used in telecommunications, testing equipment, and signal routing where high isolation and low insertion loss are required.
Below is a detailed technical breakdown of its electronic parts and specifications.
---
### 1. General Specifications
The JRQ2 series, specifically the 1G-R variant, is designed for high-density mounting and high-frequency performance.
| Parameter | Specification Details |
| :--- | :--- |
| **Component Type** | Electromechanical Relay (High Frequency) |
| **Contact Arrangement** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Mounting Type** | Surface Mount Technology (SMT) |
| **Frequency Range** | DC to 3 GHz (typical for JRQ series) |
| **Terminal Finish** | Gold-plated (RoHS Compliant) |
---
### 2. Internal Electronic Construction
The device consists of several critical sub-components that work together to manage signal integrity:
1. **Electromagnetic Coil:**
* The "actuator" of the relay. When voltage is applied, it creates a magnetic field that moves the armature.
* Usually available in various DC voltages (e.g., 3V, 5V, 12V).
2. **Armature and Contacts:**
* Made from high-conductivity materials with **Gold (Au)** plating to ensure low contact resistance and prevent oxidation.
* The **2 Form C** structure means it contains two separate switching circuits, each with a normally open and normally closed path.
3. **Shielding Case:**
* The external housing acts as an electromagnetic shield to prevent crosstalk between channels and to minimize external interference.
4. **Ceramic/Polymer Base:**
* Designed for low dielectric constant to ensure signal speed and reduce loss at gigahertz frequencies.
---
### 3. Key Performance Characteristics
The "1G-R" designation often implies specific sensitivity or packaging traits:
* **High Isolation:** Prevents signal leakage between the input and output when the relay is open (typically >30dB at 2GHz).
* **Low Insertion Loss:** Minimizes the reduction in signal power as it passes through the relay (typically <0.5dB).
* **V.S.W.R (Voltage Standing Wave Ratio):** Optimized to ensure minimal signal reflection, usually staying below 1.5 at peak frequencies.
---
### 4. Typical Applications
* **Ate (Automatic Test Equipment):** Switching signals between a Device Under Test (DUT) and measurement tools.
* **Wireless Communication:** Base stations and radio frequency signal routing.
* **Broadcasting:** Video signal switching in professional media gear.
---
### 5. Part Number Breakdown (Generic)
| Code Segment | Meaning |
| :--- | :--- |
| **JRQ2** | Series designation (High-frequency DPDT) |
| **1** | Contact rating/Sensitivity level |
| **G** | Gold-clad contact material |
| **R** | Tape and Reel packaging (for automated SMT assembly) |
- ⤷
What is the standard coil voltage for the JRQ2-1G-R?
- ⤷ How does this relay compare to solid-state RF switches in terms of insertion loss?
- ⤷ What are the soldering temperature requirements for the SMT version?