전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • K-10-R

  • AI
    The **K-10-R** typically refers to a high-performance **electronic speed controller (ESC)** or a specific **relay module** variant, most commonly associated with the RC (Remote Control) racing industry or industrial automation. Below is a breakdown of the electronic components and technical specifications associated with the K-10-R series. --- ### 1. Technical Specifications Table | Feature | Description | Typical Value | | :--- | :--- | :--- | | **Input Voltage** | Operating range for logic/power | 4.8V - 7.4V (DC) | | **Current Rating** | Continuous current handling | 10A - 100A (Application dependent) | | **Control Signal** | Input pulse type | PWM (Pulse Width Modulation) | | **MOSFET Type** | Internal switching transistors | N-Channel Logic Level | | **BEC Output** | Battery Eliminator Circuit | 6.0V @ 2A - 3A | --- ### 2. Key Electronic Components The K-10-R consists of several critical stages that manage power and logic: #### A. Microcontroller Unit (MCU) The "brain" of the device. It processes incoming PWM signals from a receiver or PLC and determines the timing for the power output. It handles features like: * Low-voltage cutoff (to protect LiPo batteries). * Thermal protection logic. #### B. Power MOSFETs These are the most critical hardware parts. They act as high-speed electronic switches. * **Thermal Management:** These are usually mounted to an aluminum heatsink. * **Switching Frequency:** High-frequency switching ensures smooth power delivery and reduces "humming." #### C. Filter Capacitors Visible as large cylindrical components (Electrolytic), these stabilize the input voltage and prevent voltage spikes from damaging the internal circuitry or interfering with the radio signal. #### D. BEC (Battery Eliminator Circuit) A voltage regulator circuit that steps down the main battery voltage to a constant 5V or 6V. This allows the device to power peripheral electronics (like servos or sensors) without a secondary battery. --- ### 3. Wiring and Connectivity | Pin/Lead | Color Code | Function | | :--- | :--- | :--- | | **Positive (+)** | Red | Main Power Input | | **Negative (-)** | Black | Ground | | **Signal (S)** | White or Yellow | PWM Control Signal | | **Phase Leads** | Various | Output to Motor/Load | --- ### 4. Safety and Protection Features * **Overcurrent Protection:** Shuts down the circuit if the load exceeds the rated Amperage. * **Fail-Safe:** Returns the output to a neutral state if the control signal is lost. * **Heat Dissipation:** Often features a thermal sensor linked to the MCU to throttle power if the temperature exceeds 85°C.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the throttle range on a K-10-R controller?
    • ⤷ What is the difference between the K-10-R and the K-10-S models?
    • ⤷ Can the K-10-R be used with Brushless motors or only Brushed?