K1525CAMT-R
AI

## Technical Analysis of the K1525CAMT-R
The **K1525CAMT-R** is a high-performance, surface-mount (SMD) clock oscillator manufactured by **CTS Electronic Components** (formerly part of the Knight series). It is primarily used to provide a stable frequency reference for digital circuits.
---
### 1. Key Specifications
The following table highlights the core electronic characteristics of the K1525 series:
| Parameter | Specification |
| :--- | :--- |
| **Output Frequency** | Custom (Depends on specific sub-code, typically MHz range) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage (Vcc)** | +5.0 Vdc (Standard for K1525 series) |
| **Frequency Stability** | ±100 ppm (Standard), ±50 ppm or ±25 ppm available |
| **Package Type** | 4-Pin SMD (J-Lead or Gull-wing) |
| **Operating Temperature** | 0°C to +70°C (Commercial) |
| **Enable/Disable Function** | Tristate (Pin 1) |
---
### 2. Component Pin Configuration
The K1525CAMT-R typically follows a standard 4-pin layout for surface-mount oscillators:
1. **Pin 1: Tri-State Control (Enable/Disable)**
* High or Floating: Output is active.
* Low: Output goes to high impedance (saves power).
2. **Pin 2: Ground (GND)**
* Connected to the negative supply/system ground.
3. **Pin 3: Output**
* The generated square wave frequency (HCMOS/TTL).
4. **Pin 4: Supply Voltage (Vcc)**
* +5.0V input power.
---
### 3. Electronic Features & Applications
#### Features
* **Low Phase Jitter:** Crucial for high-speed data communications to ensure timing accuracy.
* **HCMOS/TTL Compatibility:** Can drive various types of digital logic gates without additional level-shifting components.
* **Tri-State Output:** Allows the component to be disconnected from the bus electronically, which is useful for testing or power-saving modes.
#### Applications
* **Networking Hardware:** Routers, switches, and modems.
* **Computing:** Motherboards, peripheral controllers, and embedded systems.
* **Industrial:** Timing references for PLCs (Programmable Logic Controllers) and automation sensors.
---
### 4. Part Number Breakdown
While specific to CTS nomenclature, the "CAMT-R" suffix typically denotes:
* **C:** Frequency stability rating (e.g., 100ppm).
* **A:** Operating temperature range.
* **MT:** Package variation (often indicating specific height or lead style).
* **R:** Tape and Reel packaging for automated assembly.
---
- ⤷
What is the exact frequency of your specific K1525CAMT-R unit?
- ⤷ Do you need a circuit diagram showing how to connect the Tri-State pin?
- ⤷ Are you looking for a lower voltage (3.3V) alternative to this 5V part?