전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • K1525CAT-R

  • AI
    ## Analysis of the K1525CAT-R Electronic Component The **K1525CAT-R** is a specific type of high-frequency electronic timing component, primarily manufactured by companies like **Champion Technologies** (now part of the Integrated Device Technology / Renesas ecosystem). It belongs to the family of **Crystal Clock Oscillators**. --- ### 1. Fundamental Specifications This part is designed to provide a stable, continuous square wave signal for digital circuits. Below are the typical technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Quartz Crystal Clock Oscillator | | **Package Style** | 14-pin DIP (Dual In-line Package) - 4 pins used | | **Output Frequency** | Usually ranges from 1MHz to 100MHz (Specific to sub-model) | | **Operating Voltage** | Typically 5.0V DC | | **Output Logic** | TTL / HCMOS Compatible | | **Operating Temperature** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) | --- ### 2. Pin Configuration (Internal Mapping) Although it follows the physical footprint of a 14-pin DIP integrated circuit, only four pins are functionally active. | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | NC / Tri-State | No connection or Output Enable/Disable control. | | **Pin 7** | GND | Circuit ground connection. | | **Pin 8** | Output | The generated clock signal (Square Wave). | | **Pin 14** | Vcc | Positive power supply (usually +5V). | --- ### 3. Key Features & Deciphering the Part Number * **K1525 Series:** Indicates the specific architecture of the crystal oscillator, known for low jitter and high reliability in legacy computing systems. * **CAT:** Usually refers to the frequency stability (often ±50ppm or ±100ppm) and the symmetry of the output waveform. * **-R:** Often signifies **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead. --- ### 4. Common Applications The K1525CAT-R is typically found in hardware that requires precise timing synchronization: 1. **Legacy Motherboards:** Providing the base clock for CPUs or BUS controllers. 2. **Telecommunications:** Synchronizing data transmission rates. 3. **Industrial Controllers:** Timing for PLCs and embedded automation systems. 4. **Audio/Video Gear:** Acting as a master clock for digital signal processing. --- ### 5. Circuit Implementation Example When integrating this part, a decoupling capacitor is mandatory to ensure signal stability. ```c // Typical Schematic Connection: Vcc (5V) ----+---- [Pin 14] | [0.1uF Capacitor] | GND ---------+---- [Pin 7] [Pin 8] ---------> [Clock Input of Microcontroller/FPGA] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the K1525CAT-R variant you are looking at?
    • ⤷ Are you looking for a modern surface-mount (SMD) equivalent for this DIP part?
    • ⤷ Do you need the specific jitter and phase noise specifications for this oscillator?