전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • K1528DBM-R

  • AI
    The **K1528DBM-R** is a specialized electronic component typically used in radio frequency (RF) and signal processing applications. It is most commonly identified as a **Double Balanced Mixer** (DBM) or a high-performance integrated circuit designed for frequency conversion. --- ### 1. Key Technical Specifications Based on the standard architecture of the K1528 series, here are the primary technical characteristics: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Double Balanced Mixer (RF/IF) | | **Circuit Topology** | Diode Ring or FET-based Double Balanced | | **Frequency Range** | Usually optimized for HF to VHF/UHF bands | | **Package Type** | Surface Mount (SMD) or Metal Can (R suffix often denotes ROHS) | | **Input Impedance** | 50 Ohms (Standard) | | **Isolation** | High LO-RF and LO-IF Isolation | --- ### 2. Functional Description The K1528DBM-R serves as a frequency converter. It takes two input signals and produces their sum and difference frequencies. * **RF Port (Radio Frequency):** The input signal to be converted. * **LO Port (Local Oscillator):** The injection signal that dictates the conversion. * **IF Port (Intermediate Frequency):** The output resulting from the mixing process. #### Core Advantages: 1. **Suppression:** The "Double Balanced" architecture naturally suppresses both the Local Oscillator (LO) and RF signals at the output port, meaning only the desired mixing products (sum/difference) remain. 2. **Dynamic Range:** These components are designed to handle high-level signals with minimal distortion (intermodulation). 3. **Broadband Performance:** They typically operate across a wide range of frequencies without requiring external tuning. --- ### 3. Application Use Cases This part is commonly found in communication hardware, including: * **Radio Transceivers:** Used in the "Up-conversion" (Transmitter) and "Down-conversion" (Receiver) stages. * **Signal Generators:** Creating specific output frequencies from fixed oscillators. * **Frequency Synthesizers:** Part of a Phase Locked Loop (PLL) or frequency multiplier circuit. * **Test & Measurement:** Integrated into spectrum analyzers or oscilloscopes for signal conditioning. --- ### 4. Implementation Example In a typical receiver circuit, the connections would follow this logic: ```c // Conceptual signal flow for K1528DBM-R RF_In (100MHz) ----> [ RF Port ] | LO_In (110MHz) ----> [ LO Port ] ===> [ IF Port ] Output (10MHz) | [ K1528DBM-R ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range supported by the K1528DBM-R?
    • ⤷ How does a double-balanced mixer differ from a single-balanced mixer?
    • ⤷ What are the power requirements for the Local Oscillator (LO) port in this component?