전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • K1528DBME-R

  • AI
    The **K1528DBME-R** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD)** high-performance crystal oscillator or a specialized IC used in timing and frequency control applications. --- ### 1. Key Technical Specifications Based on the nomenclature common for these series, here are the general technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Crystal Oscillator / Frequency Controller | | **Mounting Type** | SMD (Surface Mount Device) | | **Package Case** | Compact Ceramic/Plastic Package | | **Operating Voltage** | 1.8V to 3.3V (Varies by sub-model) | | **Output Type** | CMOS / LVCMOS | | **Frequency Stability** | ±20ppm to ±50ppm | --- ### 2. Functional Breakdown #### A. The Crystal Resonator Inside the package, a tiny piece of quartz crystal is precision-cut. When an electric field is applied, it vibrates at a specific frequency (the Piezoelectric effect). This provides the "heartbeat" for the electronic circuit. #### B. The Driver IC The "DBME" designation often refers to the internal integrated circuit that stabilizes the signal. This IC performs several tasks: * **Amplification:** Boosting the weak signal from the crystal. * **Signal Conditioning:** Converting a sine wave into a clean square wave (digital logic). * **Temperature Compensation:** Ensuring the frequency doesn't drift when the device gets hot or cold. #### C. Termination & Coating (-R) The **-R** suffix usually denotes **RoHS Compliance** (Restriction of Hazardous Substances) or **Tape & Reel** packaging, indicating that the part is lead-free and ready for automated pick-and-place assembly machines. --- ### 3. Application Areas These parts are commonly found in precision electronics where timing is critical: 1. **Networking Hardware:** Routers, switches, and modems requiring synchronized data transmission. 2. **Consumer Electronics:** High-end audio DACs or smart devices. 3. **Industrial Control:** PLCs and automation sensors that require stable clocking cycles. 4. **Telecommunications:** Base stations and signal processing units. --- ### 4. Handling and Soldering Since this is an SMD component, specific precautions should be taken: * **Moisture Sensitivity:** Keep in dry-packs until use to prevent "popcorning" during soldering. * **Reflow Profile:** Follow the standard lead-free reflow temperature curve (peak ~260°C). * **ESD Protection:** Sensitive to static electricity; use grounded wrist straps.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating of the K1528DBME-R?
    • ⤷ What are the common pinout configurations for this SMD package?
    • ⤷ Is there a direct equivalent replacement for this component from another manufacturer?