전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • K3010P..

  • AI
    ## K3010P Optocoupler Overview The **K3010P** is a specific type of electronic component known as a **Phototriac Output Optocoupler**. It is primarily designed to provide electrical isolation between low-voltage control circuits (like microcontrollers) and high-voltage AC loads. --- ### 1. Internal Architecture The K3010P consists of two main parts integrated into a single 6-pin Dual In-line Package (DIP): | Component | Part Type | Function | | :--- | :--- | :--- | | **Input Side** | GaAs Infrared LED | Converts electrical input signals into light. | | **Output Side** | Monolithic Silicon Detector | A light-activated Triac (Phototriac) that switches AC current. | --- ### 2. Technical Specifications Key parameters for the K3010P include electrical limits and performance characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Peak Off-State Voltage ($V_{DRM}$)** | 250 V | Maximum AC voltage it can withstand in the "off" state. | | **Trigger Current ($I_{FT}$)** | 15 mA (max) | The amount of LED current required to latch the Triac. | | **Isolation Voltage ($V_{ISO}$)** | 5300 $V_{RMS}$ | The maximum safety voltage between input and output pins. | | **On-State RMS Current ($I_T$)** | 100 mA | The maximum continuous AC current the output can handle. | | **Critical Rate of Rise ($dv/dt$)** | 10 V/µs | The ability to resist false triggering due to rapid voltage spikes. | --- ### 3. Pin Configuration (DIP-6) The K3010P typically uses a 6-pin layout, though pin 3 and 5 are often omitted or unused: 1. **Pin 1 (Anode):** Positive terminal of the internal LED. 2. **Pin 2 (Cathode):** Negative terminal of the internal LED. 3. **Pin 3:** No connection (NC). 4. **Pin 4 (Main Terminal 1):** One side of the Phototriac. 5. **Pin 5:** No connection (NC). 6. **Pin 6 (Main Terminal 2):** Other side of the Phototriac. --- ### 4. Key Applications Because the K3010P is a **Non-Zero-Crossing** Triac, it can be turned on at any point in the AC cycle. This makes it suitable for specific roles: * **Phase Control:** Used in dimming circuits for lights or speed control for small AC motors. * **AC Solenoid/Valve Control:** Interfacing a 5V microcontroller to 110V/220V AC actuators. * **Solid State Relays (SSR):** Acting as the driver stage for larger power Triacs. * **Static Indicators:** Driving AC neon lamps or signaling devices. --- ### 5. Critical Circuit Design Tips * **Current Limiting:** Always use a resistor in series with Pins 1 and 2 to prevent burning out the internal LED. * **Snubber Circuit:** If driving an inductive load (like a motor), use an RC snubber circuit across the output pins to prevent $dv/dt$ false triggering. * **Power Limits:** Since the output current is limited to ~100mA, it is often used to trigger a larger **Power Triac** (like a BTA16) rather than driving a heavy load directly.
    ✨ Follow-up Questions
    • ⤷What is the difference between the K3010P and a zero-crossing optocoupler like the MOC3041?
    • ⤷ How do I calculate the series resistor for the input LED of a K3010P?
    • ⤷ Can the K3010P be used to control DC loads?