전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • K3021P..

  • AI
    ## Overview of the K3021P Optoisolator The **K3021P** is a specific type of electronic component known as a **Phototriac Output Optocoupler** (or Optoisolator). It is primarily used to provide electrical isolation between low-voltage control circuits (like microcontrollers) and high-voltage AC loads. --- ### 1. Key Internal Components The K3021P consists of two main parts integrated into a single 6-pin Dual In-line Package (DIP): | Part | Component Type | Function | | :--- | :--- | :--- | | **Input Side** | Infrared Emitting Diode (IRED) | Converts the electrical input signal into infrared light. | | **Output Side** | Phototriac | A light-sensitive TRIAC that switches ON when it detects IR light. | | **Isolation Barrier** | Dielectric Silicone/Epoxy | Physically separates the input and output to prevent high voltage from flowing back to the controller. | --- ### 2. Technical Specifications Below are the critical electrical characteristics of the K3021P: | Parameter | Value | | :--- | :--- | | **Peak Off-State Voltage ($V_{DRM}$)** | 400 V | | **Trigger Current ($I_{FT}$)** | 15 mA (Max) | | **Isolation Test Voltage** | 5300 $V_{RMS}$ | | **Output Type** | Non-Zero Crossing | | **Package** | DIP-6 | --- ### 3. Functional Mechanism 1. **Input Trigger:** When a small DC current (typically 15mA) flows through the internal LED (Pins 1 and 2), it emits infrared light. 2. **Optical Coupling:** The light travels across the internal insulation barrier. 3. **Output Activation:** The Phototriac (Pins 4 and 6) detects the light and becomes conductive. This allows AC current to flow through the output side. 4. **Non-Zero Crossing:** Unlike "Zero-crossing" optocouplers, the K3021P can turn on at any point in the AC cycle. This makes it suitable for **phase-angle control** (dimming applications). --- ### 4. Typical Pin Configuration | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | Anode | Positive terminal of the Input LED | | 2 | Cathode | Negative terminal of the Input LED | | 3 | NC | No Connection | | 4 | Main Terminal 1 | Output Triac Terminal 1 | | 5 | NC/Substrate | Often not connected or connected to substrate | | 6 | Main Terminal 2 | Output Triac Terminal 2 | --- ### 5. Common Applications * **AC Motor Control:** Used to trigger larger power TRIACs to start/stop motors. * **Light Dimmers:** Because it is non-zero crossing, it can be used for phase-controlled dimming of incandescent lamps. * **Solenoid/Valve Control:** Interfacing 5V/12V logic with 110V/220V AC solenoids. * **Solid State Relays (SSR):** Acts as the primary switching element in low-power SSRs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between K3021P and a zero-crossing optocoupler like the MOC3041?
    • ⤷ How do I calculate the current-limiting resistor for the input LED of a K3021P?
    • ⤷ Can the K3021P directly drive a 220V AC motor without an external TRIAC?