전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • K6F-R020

  • AI
    The **K6F-R020** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Shunt Resistor** or **Current Sense Resistor**. It is designed to measure current flow in a circuit by monitoring the voltage drop across it. --- ## 1. Technical Specifications The part number suffix "R020" is the most critical descriptor of its electrical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Resistance Value** | 20 mΩ (0.020 Ω) | The "R020" indicates the ohmic value. | | **Type** | Current Sense / Shunt | Used for power management and monitoring. | | **Mounting Type** | SMD/SMT | Designed for automated PCB assembly. | | **Material** | Metal Alloy / Foil | Ensures low noise and high stability. | | **Tolerance** | Usually ±1% or ±5% | Precision level of the resistance value. | --- ## 2. Key Features * **Low Ohmic Value:** At 20 milliohms, it minimizes power loss ($P = I^2 \times R$) while allowing for accurate voltage measurement. * **High Power Dissipation:** These resistors are often built to withstand higher heat than standard film resistors. * **Low TCR (Temperature Coefficient of Resistance):** This ensures the resistance remains stable even as the component heats up during operation. --- ## 3. How it Works in a Circuit The K6F-R020 acts as a "bridge" in a circuit. By applying **Ohm’s Law ($V = I \times R$)**, an Integrated Circuit (IC) can determine the exact current flowing through the line: 1. Current ($I$) flows through the **20mΩ resistor**. 2. A small voltage drop ($V$) is created across the terminals. 3. A monitoring IC measures this voltage. 4. Since $R$ is known (0.020), the system calculates $I = V / 0.020$. --- ## 4. Common Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in laptops or EVs. * **DC-DC Converters:** Controlling output current. * **Motor Controllers:** Detecting over-current conditions to prevent motor burnout. * **Power Supplies:** Load sensing and regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the K6F-R020?
    • ⤷ Which manufacturers produce the K6F series resistors?
    • ⤷ How do I calculate the voltage drop across this resistor at 5 Amps?