K6F-R025
AI

The **K6F-R025** is a specialized electronic component, specifically a **Current Sensing Resistor** (Shunt Resistor). These components are designed to measure current flow by monitoring the voltage drop across a known resistance.
---
## Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Current Sense Resistor (Metal Plate) |
| **Resistance Value** | 0.025 $\Omega$ (25 m$\Omega$) |
| **Tolerance** | Usually $\pm1\%$ or $\pm5\%$ (depends on specific suffix) |
| **Material** | Metal Alloy / Ceramic Base |
| **Mounting Type** | Surface Mount (SMD) |
| **Typical Application** | Power management, battery monitoring |
---
## Key Features
### 1. Low Resistance Value
At **25 m$\Omega$**, the resistance is intentionally low to minimize power loss ($P = I^2R$) and heat generation, while still providing a readable voltage drop for a Microcontroller or Op-Amp.
### 2. High Precision and Stability
As a "Shunt," it is built with materials that have a low **Temperature Coefficient of Resistance (TCR)**. This ensures that the resistance value does not drift significantly as the component heats up during operation.
### 3. Construction
It typically features a metal alloy element. Unlike standard thick-film resistors, the metal plate construction allows it to handle high current pulses without burning out.
---
## Circuit Function (Ohm's Law)
In a circuit, the K6F-R025 acts as a transducer. By measuring the voltage ($V$) across the resistor, the system calculates the current ($I$) using:
```python
# Theoretical Current Calculation
V_measured = 0.050 # Example: 50mV measured across resistor
R_value = 0.025 # 25 mOhms
Current = V_measured / R_value
# Result: 2 Amps
```
---
## Common Applications
* **Battery Management Systems (BMS):** Monitoring charging and discharging rates.
* **Motor Control:** Detecting overcurrent conditions to protect the motor.
* **DC-DC Converters:** Providing feedback loops for current-mode control.
* **Power Supplies:** Monitoring load consumption in laptops or industrial equipment.
- ⤷
What is the maximum power rating (Wattage) for this specific resistor model?
- ⤷ How do I choose between a 2-terminal and a 4-terminal shunt resistor?
- ⤷ What are the common alternatives to the K6F-R025 for higher precision applications?