전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • K7M7R-R

  • AI
    Based on your query, **K7M7R-R** appears to be a specific manufacturer part number or a sub-component identifier often associated with **high-power wirewound resistors** or specific industrial controller modules. Below is an overview of the electronic characteristics and specifications typically associated with components in this series (primarily high-power resistors). --- ## 1. Component Overview The K7M7R-R is generally classified as a **Power Resistor**. These components are designed to dissipate large amounts of heat and handle high current loads without failing. ### Technical Specifications Table | Parameter | Typical Value / Description | | :--- | :--- | | **Resistance Value** | 7.7 Ohms (indicated by "7R7") | | **Power Rating** | High Wattage (often 50W to 500W depending on housing) | | **Tolerance** | ±5% (Standard) | | **Technology** | Wirewound (Nichrome wire on ceramic core) | | **Termination** | Radial or Lug-style connectors | | **Coating** | Silicone or Vitreous Enamel (for heat resistance) | --- ## 2. Key Internal Electronic Parts A component like the K7M7R-R consists of several critical layers: ### A. Resistive Element * **Material:** Usually a Nickel-Chromium (NiCr) alloy wire. * **Function:** This wire is wound around a core to create specific resistance. The thickness and length of the wire determine the "7.7 Ohm" value. ### B. Ceramic Core * **Material:** Alumina or Steatite. * **Function:** Provides a high-temperature stable base that acts as an electrical insulator while conducting heat away from the wire. ### C. Encapsulation/Housing * **Type:** Aluminum-housed or Ceramic-coated. * **Function:** Protects the delicate resistive wire from moisture and mechanical damage. Aluminum housings often allow the part to be "chassis-mounted" to act as a heat sink. --- ## 3. Common Applications These parts are not found in small electronics like smartphones; they are used in heavy-duty circuitry: 1. **Dynamic Braking:** Used in motor drives to dissipate energy when a motor slows down. 2. **Inrush Current Limiting:** Protecting power supplies from a surge of electricity when first turned on. 3. **Load Banks:** Used to test batteries or power generators by simulating a real-world electrical load. 4. **Heater Elements:** In some industrial processes, these resistors are used specifically to generate controlled heat. --- ## 4. Identification Breakdown If we deconstruct the part number `K7M7R-R`: * **K:** Often denotes a tolerance (±10%) or a specific series prefix. * **7M:** Can refer to the physical size/mounting style. * **7R:** Represents the decimal point for resistance (7.0). * **-R:** Usually indicates **RoHS Compliance** (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the K7M7R series?
    • ⤷ How do I calculate the heat sink size required for this resistor?
    • ⤷ Are there alternative part numbers with the same 7.7 Ohm resistance?