전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KA8602-S08-R

  • AI
    ## KA8602-S08-R Electronic Component Overview The **KA8602-S08-R** is a low-voltage audio power amplifier integrated circuit (IC) primarily designed for communication equipment, such as telephone sets and portable radio devices. It is frequently used as a drop-in replacement or equivalent to the popular **MC34119** audio amplifier. ### 1. Key Specifications | Parameter | Details | | :--- | :--- | | **Function** | Low Voltage Audio Power Amplifier | | **Package Type** | SOP-8 (Surface Mount Device) | | **Operating Voltage** | 2.0V to 16.0V | | **Output Power** | Typical 250mW (at 8Ω load, $V_{cc}=6V$) | | **Quiescent Current** | Typical 2.7mA | | **Total Harmonic Distortion (THD)** | 0.5% (Typical) | | **Shutdown Mode** | Integrated chip disable function | --- ### 2. Internal Architecture and Pinout The IC consists of a differential amplifier, a power stage, and a chip-enable circuit. The SOP-8 package layout is standardized as follows: | Pin Number | Name | Description | | :---: | :--- | :--- | | 1 | **CD** | Chip Disable (High = Off, Low = On) | | 2 | **FC1** | Filter / Bypass | | 3 | **+IN** | Non-inverting Input | | 4 | **-IN** | Inverting Input | | 5 | **VO1** | Output 1 | | 6 | **Vcc** | Positive Supply Voltage | | 7 | **GND** | Ground | | 8 | **VO2** | Output 2 | --- ### 3. Core Features * **Wide Supply Range:** It can operate on very low voltages (down to 2V), making it ideal for battery-powered devices. * **Bridge-Tied Load (BTL):** The outputs (VO1 and VO2) are typically used in a BTL configuration, which eliminates the need for bulky DC-blocking capacitors at the speaker output. * **Minimal External Components:** The circuit requires very few resistors and capacitors to function, saving PCB space. * **Power Down Mode:** Pin 1 allows the user to put the chip into a low-power standby mode, significantly extending battery life in portable electronics. --- ### 4. Typical Applications * **Telephony:** Speakerphone circuits and handset amplifiers. * **Portable Audio:** Small battery-operated radios or toys. * **Intercoms:** Low-power communication systems. * **System Alerts:** Driving small 8Ω or 16Ω speakers for system beeps or notifications. --- ### 5. Part Number Breakdown * **KA8602:** The base model/series number. * **S08:** Indicates the **SOP-8** package (Small Outline Package, 8 pins). * **R:** Usually denotes the packaging format, specifically **Tape & Reel** for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the KA8602 and the MC34119?
    • ⤷ Can you provide a basic schematic for a BTL configuration using this IC?
    • ⤷ What is the maximum current consumption when the Chip Disable pin is active?