전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KAAN-R

  • AI
    The **KAAN-R** (also known as the Kaan-N or similar variants in the racing drone community) typically refers to a high-performance **FPV (First Person View) Racing Drone** frame or build kit. Its electronics are designed for extreme speed, agility, and low-latency communication. Below is a breakdown of the core electronic components found in a KAAN-R build: --- ### 1. Core Flight Electronics These components act as the "brain" and "muscle" of the drone. | Component | Description | Typical Specs | | :--- | :--- | :--- | | **Flight Controller (FC)** | The main processor that stabilizes the drone using a gyroscope. | F4, F7, or H7 Processor | | **ESC (Electronic Speed Controller)** | Controls the speed of the motors; usually a "4-in-1" board. | 45A - 60A (BLHeli_32) | | **Brushless Motors** | High-RPM motors providing thrust. | 2207 or 2306 (1750KV - 2500KV) | | **Power Distribution Board (PDB)** | Manages voltage from the battery (often integrated into the FC/ESC). | 4S - 6S LiPo Support | --- ### 2. Video Transmission System (FPV) This allows the pilot to see from the drone's perspective. The KAAN-R can be configured for either Analog or Digital. * **FPV Camera:** Captures the video feed. Popular choices include the *Caddx Ratel* (Analog) or *DJI/Walksnail* (Digital). * **Video Transmitter (VTX):** Transmits the signal to the goggles. High-power output (up to 800mW+) is common for range and penetration. * **Antenna:** Circularly polarized antennas are used to ensure signal stability during flips and rolls. --- ### 3. Radio Control (RC) Link This system handles the communication between the handheld remote and the drone. 1. **Receiver (RX):** Small chip that receives stick inputs. 2. **Protocol:** Modern builds almost exclusively use **ELRS (ExpressLRS)** or **TBS Crossfire** for their ultra-low latency and long-range capabilities. --- ### 4. Technical Specifications Summary ```json { "platform": "KAAN-R Racing Drone", "battery_compatibility": "4S - 6S LiPo", "firmware_support": ["Betaflight", "EmuFlight", "INAV"], "mounting_holes": "20x20mm or 30.5x30.5mm", "propeller_size": "5 inch" } ``` --- ### 5. Peripheral Electronics * **Buzzer:** An active alarm used to find the drone if it crashes in tall grass. * **Capacitor:** Usually a 35V/1000uF low ESR capacitor soldered to the battery leads to filter out electrical noise and protect the electronics. * **LEDs:** Programmable RGB strips for orientation and aesthetics.
    ✨ Follow-up Questions
    • ⤷ What is the best motor KV rating for a 6S KAAN-R build?
    • ⤷ Which flight controller firmware is recommended for racing performance?
    • ⤷ How does the weight of the electronics affect the drone's flight time?