전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KAC-AB1-R

  • AI
    The **KAC-AB1-R** is an addressable manual call point (fire alarm button) designed by KAC Alarm Company, typically used in fire detection systems. It is characterized by its "Type A" operation (single action) and its integration with specific communication protocols. --- ### 1. Key Electronic Components and Specifications The electronic architecture of the KAC-AB1-R focuses on digital communication and low power consumption. | Component | Description | | :--- | :--- | | **Microprocessor** | Manages digital addressing and communication with the Fire Alarm Control Panel (FACP). | | **Address Switches** | Typically utilizes rotary switches to set a unique loop address (01-99 or 01-159). | | **LED Indicator** | A tri-color or bi-color LED used to show Status (Green flashing), Alarm (Red solid), or Fault (Yellow). | | **Plug-in Terminals** | High-quality connectors designed for loop-in and loop-out wiring to maintain circuit integrity. | --- ### 2. Technical Parameters The device operates on a signaling loop, drawing power directly from the data lines. * **Operating Voltage:** 15V to 30V DC (Peak). * **Standby Current:** ~350µA to 500µA (depending on protocol). * **Alarm Current:** ~2.5mA to 5mA (LED illumination active). * **Communication Protocol:** Generally uses the **Advanced Protocol (AP)** or legacy CLIP protocol (standard for System Sensor/Morley/Notifier compatible systems). --- ### 3. Connection Diagram Logic The unit is wired in parallel on a two-wire loop. Below is a representation of the terminal logic: ```markdown [ Loop + In ] ----> [ Terminal 1 ] [ Loop + Out] <---- [ Terminal 2 ] [ Loop - In ] ----> [ Terminal 3 ] [ Loop - Out] <---- [ Terminal 4 ] ``` *Note: Terminals 1 and 2 are usually internally linked to ensure loop continuity even if the device head is removed.* --- ### 4. Functional Features 1. **Analog Addressable:** Unlike conventional "switch" buttons, this device sends a digital signature to the panel, allowing the exact location of the fire to be identified. 2. **Built-in Isolation:** Many "R" (Red) variants include an internal short-circuit isolator to protect the rest of the loop if the wiring at the button shorts out. 3. **Plug-and-Play:** The "plug" system allows the base to be wired during the first fix, while the electronic "head" is snapped in later to prevent damage during construction. ---
    ✨ Follow-up Questions
    • ⤷How do you set the rotary address switches on the KAC-AB1-R?
    • ⤷ Is the KAC-AB1-R compatible with non-addressable conventional panels?
    • ⤷ What is the difference between the AB1-R and the standard MCP1A models?