전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KAC-ABF-R/Q

  • AI
    The **KAC-ABF-R/Q** is a specific electronic component, primarily recognized as a high-performance **image sensor** developed by manufacturers like OnSemi (formerly Kodak/Truesense). It belongs to a family of CMOS active-pixel sensors designed for high-end imaging applications. --- ### 1. Key Technical Specifications The "R/Q" designation usually refers to the color filter pattern or specific revision of the sensor. Below are the general electronic characteristics: | Feature | Specification | | :--- | :--- | | **Sensor Type** | CMOS Image Sensor (Active-Pixel) | | **Resolution** | Typically 12 Megapixels (4096 x 3072) | | **Pixel Size** | 4.7 $\mu$m x 4.7 $\mu$m | | **Frame Rate** | Up to 160 fps at full resolution | | **Shutter Type** | Global Shutter (Prevents motion distortion) | | **Interface** | High-speed LVDS (Low-Voltage Differential Signaling) | --- ### 2. Core Electronic Architecture The KAC-ABF-R/Q utilizes a sophisticated internal architecture to manage high data throughput and image quality: #### A. Global Shutter Technology Unlike "Rolling Shutters" that scan line-by-line, the global shutter in this part captures the entire frame simultaneously. This is electronically achieved by having a storage node at every pixel, allowing the sensor to "freeze" fast-moving objects without skewing. #### B. Output Interface (LVDS) Because the sensor generates massive amounts of data (12MP at 160fps), it uses multiple **LVDS lanes**. - **Bandwidth:** It can support up to 64 LVDS output pairs. - **Clocking:** It requires a precise external master clock (MCLK) to synchronize data transmission. #### C. Power Requirements The device typically requires multiple voltage rails to separate sensitive analog circuits from noisy digital logic: * **Analog Supply:** 3.3V (for high dynamic range and low noise). * **Digital Supply:** 1.8V (for logic processing). * **I/O Supply:** 1.8V to 2.5V (for data transmission). --- ### 3. Pin Configuration and Integration The component is usually housed in a **Ceramic LCC (Leadless Chip Carrier)** or a **PGA (Pin Grid Array)** package to handle heat dissipation and high-frequency signals. * **SPI Interface:** Used for programming the internal registers (exposure time, gain, region of interest). * **External Triggers:** Pins are available to synchronize the sensor with external lighting (strobes) or other cameras. --- ### 4. Common Applications Due to its high speed and global shutter, the KAC-ABF-R/Q is found in: 1. **Industrial Inspection:** Machine vision for high-speed assembly lines. 2. **Intelligent Transportation:** Speed cameras and tolling systems. 3. **Scientific Research:** Capturing high-speed physical phenomena.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 'R' and 'Q' variants of this sensor?
    • ⤷ How do you interface the LVDS output of this sensor with an FPGA?
    • ⤷ What is the typical power consumption of the KAC-ABF-R/Q during high-speed operation?