전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KAS-15E-R

  • AI
    The **KAS-15E-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch**. These switches are widely used in consumer electronics, automotive controls, and industrial interfaces due to their small footprint and reliable mechanical feedback. --- ### 1. Key Technical Specifications Below are the typical technical parameters for the KAS-15E-R series: | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Actuation Force** | Usually 160gf to 250gf (grams-force) | | **Contact Rating** | 50mA, 12V DC | | **Circuit Configuration** | SPST (Single Pole Single Throw) - Normally Open | | **Operating Life** | 100,000 to 500,000 cycles (model dependent) | | **Terminal Type** | Gull-wing or J-bend leads | --- ### 2. Internal Electronic Structure The KAS-15E-R operates on a simple mechanical-to-electrical principle: * **The Metal Dome:** Inside the housing sits a stainless steel or phosphor bronze dome. This acts as both the spring mechanism and the electrical conductor. * **The Contacts:** There are two stationary contacts on the base. When the button is pressed, the dome collapses (creating the "click" feel) and bridges the gap between the contacts. * **Insulation:** The housing is typically made of high-temperature thermoplastic (like LCP or Nylon) to withstand the heat of reflow soldering. --- ### 3. Common Applications Because of its small size and SMD design, the KAS-15E-R is frequently found in: 1. **Consumer Electronics:** Power buttons on smartphones, volume rockers, or Bluetooth headsets. 2. **Peripherals:** Reset buttons on routers or mouse clickers. 3. **Automotive:** Dashboard controls or keyless entry fobs. 4. **Medical:** Portable diagnostic devices. --- ### 4. Implementation Example (Basic Logic) In a digital circuit, this switch is typically used with a pull-up resistor to provide a clean signal to a Microcontroller (MCU). ```cpp // Example: Reading a Tactile Switch state (Arduino/C++) const int switchPin = 2; // Connected to KAS-15E-R void setup() { pinMode(switchPin, INPUT_PULLUP); // Use internal resistor } void loop() { int state = digitalRead(switchPin); if (state == LOW) { // Switch is pressed (circuit closed to ground) } } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the physical footprint size of the KAS-15E-R?
    • ⤷ How does the 'R' suffix affect the packaging (Tape and Reel)?
    • ⤷ What are the recommended reflow soldering temperatures for this part?