전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KAS-AA-R

  • AI
    The **KAS-AA-R** is a specific part number belonging to the series of **Mechanical Encoders** manufactured by companies like **Noble** or **Alpha**. It is primarily used as a rotary input device for consumer electronics, automotive interfaces, and audio equipment. --- ### 1. Technical Specifications The KAS-AA-R is a mechanical incremental encoder. Below are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Type** | Mechanical Incremental Rotary Encoder | | **Resolution** | Usually 12 to 24 pulses per rotation | | **Output Type** | 2-bit Quadrature (Gray Code) | | **Voltage Rating** | 5V DC (standard logic level) | | **Current Rating** | 0.5mA to 10mA | | **Mechanical Life** | 15,000 to 30,000 cycles | | **Switch Feature** | Integrated Momentary Push-button (optional depending on sub-model) | --- ### 2. Physical Characteristics The "R" suffix often denotes the physical orientation or the specific shaft style. * **Shaft Style:** Usually a "D-shape" (flatted) or knurled metal/plastic shaft. * **Mounting:** Through-hole (PTH) mounting with structural tabs for mechanical stability. * **Form Factor:** Compact footprint, typically 11mm or 12mm wide. --- ### 3. Pin Configuration and Circuitry The device typically has 3 main encoder pins and 2 optional switch pins. #### Typical Pinout: 1. **Pin A:** Signal Output 1 2. **Pin C (Common):** Usually connected to Ground (GND) 3. **Pin B:** Signal Output 2 4. **Pins D & E (Optional):** If the model includes a push-switch, these are the switch terminals. #### Implementation Example (Arduino/C++): ```cpp // Example: Reading KAS-AA-R Signal (Simple Logic) const int pinA = 2; const int pinB = 3; void setup() { pinMode(pinA, INPUT_PULLUP); pinMode(pinB, INPUT_PULLUP); Serial.begin(9600); } void loop() { int valA = digitalRead(pinA); int valB = digitalRead(pinB); // Logic to determine clockwise/counter-clockwise rotation } ``` --- ### 4. Key Applications * **Audio Equipment:** Volume controls and menu navigation for car stereos or amplifiers. * **Household Appliances:** Temperature or timer settings for microwave ovens and washing machines. * **Instrumentation:** Selecting parameters on oscilloscopes or multimeters. ---
    ✨ Follow-up Questions
    • ⤷ How do I debounce the mechanical noise from the KAS-AA-R output?
    • ⤷ What is the difference between an incremental and an absolute encoder?
    • ⤷ Can this encoder be used with 3.3V logic systems?