전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KAS-BC-R

  • AI
    The **KAS-BC-R** is an electronic component primarily classified as a **Capacitive Touch Sensor / Switch Module**. It is commonly used in industrial controls, consumer electronics, and medical devices where a non-mechanical, durable interface is required. --- ## 1. Core Technical Specifications The device operates on capacitive sensing technology, allowing it to detect the presence of a human finger through various non-conductive materials like glass, plastic, or wood. | Feature | Specification (Typical) | | :--- | :--- | | **Operating Voltage** | 3.3V to 5V DC | | **Output Type** | Digital Logic (High/Low) or Relay Control | | **Sensing Principle** | Capacitive Touch (Charge Transfer) | | **Response Time** | < 100ms | | **Mounting Type** | Surface Mount or Panel Mount | | **Protection** | Moisture and dust resistant (often IP65-rated face) | --- ## 2. Key Electronic Components The KAS-BC-R module consists of several critical internal parts that work in harmony: ### A. Sensing Electrode A conductive pad (usually copper on the PCB) that creates an electric field. When a finger approaches, it changes the capacitance of this field. ### B. Controller IC The "brain" of the module. It performs the following functions: - **Signal Filtering:** Removes electrical noise from the environment. - **Threshold Detection:** Determines if the change in capacitance is a deliberate touch. - **Auto-Calibration:** Adjusts to environmental changes (humidity/temperature). ### C. Output Circuitry Depending on the specific variant, the output may include: - **Transistor/MOSFET:** To drive small loads or signal a microcontroller (MCU). - **LED Indicator:** Integrated backlighting to show the state of the switch (e.g., Red for Off, Green/Blue for On). --- ## 3. Wiring and Integration In most applications, the KAS-BC-R is integrated using a standard 3-pin or 4-pin interface. ```cpp // Example: Reading KAS-BC-R signal with an Arduino int sensorPin = 2; // Connected to the OUT pin int state = 0; void setup() { pinMode(sensorPin, INPUT); Serial.begin(9600); } void loop() { state = digitalRead(sensorPin); if (state == HIGH) { Serial.println("Touch Detected!"); } } ``` --- ## 4. Advantages of the KAS-BC-R Series 1. **Durability:** No moving parts means no mechanical wear and tear. 2. **Aesthetics:** Can be mounted behind a sleek glass or acrylic panel. 3. **Hygiene:** Easy to clean and sanitize, making it ideal for medical or food-grade environments.
    ✨ Follow-up Questions
    • ⤷ What is the maximum thickness of glass the KAS-BC-R can sense through?
    • ⤷ Can the KAS-BC-R be configured for momentary vs. latching output?
    • ⤷ How does environmental moisture affect the sensitivity of this capacitive part?