전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KB1502

  • AI
    The **KB1502** typically refers to a high-efficiency, step-up (boost) DC-DC converter LED driver, commonly used in mobile devices, handheld instruments, and small LCD backlighting applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with the KB1502 series: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage Range** | 2.0V to 6.0V | | **Switching Frequency** | 1.0 MHz to 1.4 MHz | | **Feedback Voltage** | 95mV to 105mV (Typical 100mV) | | **Switch Current Limit** | ~350mA to 500mA | | **Efficiency** | Up to 88% | | **Package Type** | SOT-23-5 or SOT-23-6 | --- ### 2. Functional Pinout Description The device usually comes in a 5 or 6-pin small-outline transistor (SOT) package. 1. **SW (Switch):** The drain of the internal N-channel MOSFET. Connects to the inductor and Schottky diode. 2. **GND:** Ground reference. 3. **FB (Feedback):** Senses the LED current through a resistor to regulate the output. 4. **EN/PWM:** Enable pin. Can be used for digital on/off control or PWM dimming. 5. **VIN:** Main power supply input. 6. **VOUT (Optional):** Output voltage sensing (in some variations). --- ### 3. Circuit Operation Principles The KB1502 operates as a **Constant Current Boost Converter**. Unlike a standard voltage regulator, its primary goal is to maintain a steady current through a string of LEDs. * **Boost Topology:** It uses an external inductor and a Schottky diode to step up the input voltage (e.g., 3.7V from a Li-ion battery) to a higher voltage (e.g., 12V-20V) required to drive multiple LEDs in series. * **Current Regulation:** By keeping the **FB pin** at a very low voltage (around 100mV), it minimizes power loss across the sense resistor ($R_{set}$), which is calculated as: `I_LED = V_FB / R_set` * **Dimming:** By applying a PWM signal to the Enable pin, the brightness of the LEDs can be adjusted without changing the color temperature of the light. --- ### 4. Typical Application Diagram ```mermaid graph LR Vin(Vin 3.7V) --> L1[Inductor] L1 --> SW[KB1502 SW Pin] L1 --> D1[Schottky Diode] D1 --> LED_String[LEDs in Series] LED_String --> FB[FB Pin / Resistor to GND] ``` ### 5. Essential External Components To build a functional circuit with the KB1502, you need: * **Inductor:** Typically 10µH to 22µH. * **Schottky Diode:** Low forward voltage (e.g., SS14). * **Capacitors:** 1µF to 4.7µF Ceramic (X5R or X7R) for Input and Output filtering. * **Sense Resistor:** Precision resistor to set the LED current. ---
    ✨ Follow-up Questions
    • ⤷What is the formula to calculate the sense resistor value for a 20mA LED current?
    • ⤷ Can the KB1502 be used for applications other than LED driving?
    • ⤷ What are the common failure modes for this type of boost converter?