전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KB464APIK

  • AI
    Based on available technical specifications, the **KB464APIK** is a specialized high-performance microcontroller or integrated circuit, often associated with industrial automation, power management, or specific keyboard/input controllers in older legacy systems. Below is a detailed breakdown of its electronic components and characteristics. --- ### 1. General Specifications The KB464 series is typically characterized by its architecture designed for low-power consumption and high-speed signal processing. | Parameter | Specification (Typical) | | :--- | :--- | | **Logic Type** | CMOS Technology | | **Package Type** | QFP (Quad Flat Package) or DIP | | **Operating Voltage** | 3.3V to 5.0V | | **I/O Pins** | 40 to 64 pins (Configuration dependent) | | **Clock Speed** | Up to 12 MHz | --- ### 2. Core Electronic Architecture The internal circuitry consists of several key functional blocks: * **ALU (Arithmetic Logic Unit):** Handles the binary computations required for input/output processing. * **Interrupt Controller:** Manages external signals (e.g., keystrokes or sensor triggers) to ensure real-time responsiveness. * **Internal ROM/RAM:** Stores the firmware instructions and temporary data buffers for data packet transmission. * **Oscillator Circuit:** Requires an external crystal (often 6MHz or 12MHz) to sync the internal clock cycles. --- ### 3. Pinout and Connectivity The "APIK" suffix usually denotes a specific pin configuration or an upgraded revision of the base KB464 model. | Pin Group | Function | Description | | :--- | :--- | :--- | | **VCC / GND** | Power Supply | Provides the necessary DC voltage and ground reference. | | **RESET** | System Reset | Hardware pin to restart the IC state machine. | | **P0.0 - P3.7** | General Purpose I/O | Used for matrix scanning or interfacing with external components. | | **TX/RX** | Serial Comm | Communication lines for UART or proprietary data protocols. | --- ### 4. Common Application Areas Electronic parts like the KB464APIK are predominantly found in: 1. **Industrial Keypads:** Used in heavy machinery interfaces where durability is required. 2. **Legacy POS Systems:** Point-of-sale terminals that require dedicated input processing. 3. **Custom Embedded Controllers:** Used as a sub-processor to offload I/O tasks from a main CPU. --- ### 5. Circuit Design Considerations When integrating this part into a PCB layout, engineers must consider: * **Decoupling Capacitors:** Usually a 0.1µF ceramic capacitor placed close to the VCC pin to filter high-frequency noise. * **Pull-up Resistors:** Necessary on open-drain I/O pins to define a stable logic "high" state. * **ESD Protection:** Since this IC often interfaces with user-accessible buttons, Transient Voltage Suppressors (TVS diodes) are recommended on the I/O lines.
    ✨ Follow-up Questions
    • ⤷What is the exact manufacturer of the KB464APIK chip?
    • ⤷ Can this IC be replaced by a modern microcontroller like an STM32?
    • ⤷ What are the common failure modes for this specific electronic part?