전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KBJ4MP

  • AI
    The **KBJ4MP** is a specific model of a **Bridge Rectifier**, a critical electronic component used to convert Alternating Current (AC) into Direct Current (DC). This part is commonly found in power supplies, battery chargers, and household appliance electronics. --- ### 1. Key Technical Specifications The part number follows an industry-standard naming convention. Here are the primary electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Maximum Peak Reverse Voltage** | 1000V | The maximum voltage it can block in reverse. | | **Average Forward Rectified Current** | 4.0A | The maximum current it can handle with a heatsink. | | **Peak Forward Surge Current** | 120A | Maximum momentary current pulse (8.3ms). | | **Forward Voltage Drop** | ~1.0V to 1.1V | Voltage lost across each diode during conduction. | | **Package Type** | KBJ (SIP) | Single In-line Package with a mounting hole. | --- ### 2. Physical Design and Pinout The KBJ4MP features a flat, rectangular plastic body with four leads. It usually includes a metal tab or a center hole for mounting to a **heatsink**, which is necessary if the device is operating near its 4A limit. * **Pin 1 (~):** AC Input * **Pin 2 (~):** AC Input * **Pin 3 (+):** Positive DC Output * **Pin 4 (-):** Negative DC Output (Ground) --- ### 3. Functional Working Principle The KBJ4MP contains **four silicon diodes** arranged in a bridge configuration. 1. **Positive Half-Cycle:** Two diodes conduct, allowing current to flow from the AC source to the positive output. 2. **Negative Half-Cycle:** The other two diodes conduct, "flipping" the negative part of the AC wave so that it also flows to the positive output. 3. **Result:** The output is a "pulsating DC" which is typically smoothed out using an external electrolytic capacitor. --- ### 4. Common Applications * **Switch Mode Power Supplies (SMPS):** Used at the input stage to rectify mains voltage (110V/220V). * **LED Drivers:** Converting wall power to DC for LED arrays. * **Home Appliances:** Used in washing machines, refrigerators, and microwave control boards. * **Industrial Controls:** Providing DC power for relays and sensors. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacement parts for the KBJ4MP?
    • ⤷ Why is a heatsink necessary for this component at high currents?
    • ⤷ How do I test a KBJ4MP bridge rectifier using a multimeter?