전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KCE-5D-R/Q

  • AI
    The **KCE-5D-R/Q** refers to a high-performance **Solid State Relay (SSR)** series, typically manufactured by companies like **Kudom** or similar industrial relay specialists. These components are designed to replace traditional electromechanical relays in high-frequency switching applications. ### 1. General Specifications The "5D" typically denotes a DC-controlled input, while the suffix letters indicate the output switching type and mounting configuration. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) | | **Control Voltage (Input)** | Typically 3-32V DC | | **Load Voltage (Output)** | Varies by model (AC or DC) | | **Switching Element** | MOSFET or TRIAC/SCR | | **Mounting Style** | PCB Mount or Plug-in | | **Isolation** | Opto-isolation (Photo-coupler) | --- ### 2. Key Electronic Characteristics The KCE-5D series is characterized by its internal electronic architecture, which provides several advantages over mechanical switches: #### A. Input Side (Control) * **Low Power Consumption:** Operates on low currents (typically 5-15mA), making it compatible with TTL/CMOS logic and microcontrollers (Arduino, PLC). * **LED Indicator:** Many models include a built-in LED to show the status of the control signal. #### B. Output Side (Switching) * **Zero-Cross vs. Random Turn-on:** * **Zero-Cross (Standard):** Only turns on when the AC voltage is near zero, reducing EMI (Electromagnetic Interference). * **Random Turn-on:** Turns on immediately, ideal for inductive loads or phase control. * **High Speed:** Switching speeds are in the microsecond range, allowing for PWM (Pulse Width Modulation). #### C. Isolation * **Galvanic Isolation:** Uses a light-emitting diode and a photo-sensitive receiver to ensure there is no electrical connection between the high-voltage load and the low-voltage controller. This protects the control circuit from surges. --- ### 3. Suffix Definitions (R/Q) While naming conventions can vary slightly by manufacturer, the suffixes usually indicate specific features: * **R:** Often denotes **Random Turn-on** (suitable for inductive loads) or a specific **Resistive** load rating. * **Q:** Often refers to **Quick-connect** terminals or a specific **High-Quality/High-Speed** switching certification. --- ### 4. Applications Due to the lack of moving parts, these components are used where longevity and silent operation are required: * **Heating Control:** PID temperature controllers for ovens. * **Motor Control:** Small DC or AC motor starters. * **Lighting:** Dimming systems or high-frequency stage lighting. * **Industrial Automation:** Interface between PLCs and actuators.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the KCE-5D series?
    • ⤷ How does a Zero-Cross SSR differ from a Random Turn-on SSR in circuit design?
    • ⤷ Can I use the KCE-5D-R for PWM motor speed control?