전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KCEZ-BB-R

  • AI
    The **KCEZ-BB-R** is an industrial-grade, panel-mount interface connector, typically categorized under the "E-Z Connect" series. It is primarily used as a **bulkhead data port** to allow external access to internal electronic systems (like PLCs or IPCs) without opening the cabinet door. Below is a breakdown of its electronic components, specifications, and design. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | USB 2.0 (Type A to Type A) | | **Mounting Style** | Front Panel / Bulkhead Mount | | **Construction** | Shielded Housing | | **Shell Material** | Zinc Die-cast or High-grade Thermoplastic | | **IP Rating** | Typically IP65/IP67 (when capped/closed) | | **Current Rating** | 1.5 Amps | --- ### 2. Component Analysis #### A. Internal Wiring (The Pass-Through) Unlike active electronic components (like microchips), the KCEZ-BB-R is a **passive component**. It functions as a bridge. * **Coupler Design:** It features a female-to-female USB coupling. * **Signal Integrity:** The internal PCB or lead-frame is designed to maintain impedance matching for USB 2.0 speeds (480 Mbps), minimizing data loss over the jump. #### B. Shielding and Grounding To operate in industrial environments (near high-voltage motors or VFDs), the part includes: * **EMC Shielding:** A metal shell that connects the cable shield through the bulkhead to the panel ground. * **Drain Wire Support:** Prevents electrostatic discharge (ESD) from damaging sensitive internal electronics. #### C. Environmental Protection The "BB" in the part number often refers to the **Bulkhead-to-Bulkhead** or **Back-to-Back** configuration. * **Gaskets:** Includes an O-ring or flat gasket to prevent dust and moisture from entering the enclosure. * **Protective Cap:** Usually comes with a tethered rubber or plastic cap to seal the port when not in use. --- ### 3. Application Use Case In a standard industrial control panel, the KCEZ-BB-R acts as the interface between the **Outside World** and the **Internal Controller**. ```mermaid graph LR A[External Laptop] -- USB Cable --> B(KCEZ-BB-R Port) B -- Internal Patch Cable --> C[PLC / Industrial PC] ``` --- ### 4. Summary of Benefits 1. **Safety:** Technicians can perform diagnostics or software updates without exposure to Arc Flash hazards inside the cabinet. 2. **Durability:** Gold-plated contacts ensure high mating cycles (usually 500+) in corrosive environments. 3. **Standardization:** Fits standard 22.5mm or 30.5mm pushbutton holes, making installation easy on existing panels.
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by the KCEZ-BB-R?
    • ⤷ Does this model support Power Delivery (PD) for fast charging?
    • ⤷ What are the specific environmental ratings (IP) for this part?