전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KDIS-CDB-R

  • AI
    The **KDIS-CDB-R** (often associated with the **Keyence KDIS series**) refers to a communication driver board or an interface converter used in industrial automation, specifically for connecting display units or PLCs to sensor controllers. Below is an explanation of its electronic components, functions, and specifications. --- ### 1. Overview of Electronic Components The board is designed as an intermediary interface to handle signal conversion and power distribution. | Component Type | Function | | :--- | :--- | | **Interface Transceivers** | Converts TTL/CMOS signals from sensors into standardized communication protocols (like RS-232C or RS-422). | | **Voltage Regulators** | Stabilizes the incoming 24V DC industrial power to lower voltages (5V or 3.3V) for the internal logic circuits. | | **Isolation Optocouplers** | Provides galvanic isolation between the sensor controller and the display unit to prevent electrical noise interference. | | **Connector Pins** | High-density headers (usually 20-pin or 34-pin) for ribbon cable connection to the main CPU or display. | --- ### 2. Technical Specifications Typical electronic characteristics found in this class of interface board: * **Input Voltage:** 24V DC ±10% (Standard industrial rating). * **Current Consumption:** Typically low (under 100mA) as it acts as a signal bridge. * **Signal Logic:** Differential or Single-ended depending on the specific sensor series it supports (often the DL series or GT series). * **Mounting:** Designed to be integrated into a DIN-rail mountable housing or direct-attach to a display unit. --- ### 3. Functional Block Diagram (Simplified) The board operates in three main stages: 1. **Input Stage:** Receives raw digital or analog data from the sensor controller. 2. **Processing/Level Shifting:** Adjusts the voltage levels so the data is readable by the receiving display or PLC module. 3. **Output Stage:** Transmits the formatted data via a communication port (e.g., the "R" in the suffix often denotes RS-232C compatibility or a specific Revision). --- ### 4. Application Usage The KDIS-CDB-R is primarily used in the following scenarios: * **Data Visualization:** Sending measurement data from a displacement sensor to a digital panel meter. * **Protocol Conversion:** Allowing a Keyence sensor head to communicate with a non-Keyence peripheral via a standard serial interface. * **System Expansion:** Adding extra communication ports to a base unit that lacks built-in serial outputs.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout configuration for the KDIS-CDB-R connector?
    • ⤷ How does the 'R' version differ from the standard KDIS-CDB model?
    • ⤷ Which Keyence sensor series are compatible with this communication board?