전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KEWT-331-R/X

  • AI
    The **KEWT-331-R/X** is a sophisticated high-voltage electronic component, specifically a **Fixed Resistor**, typically used in specialized industrial and high-precision applications. It is designed to handle significant voltage stress while maintaining stability. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications The "R/X" suffix often denotes specific tolerance or temperature coefficient variations within the series. | Feature | Specification Details | | :--- | :--- | | **Component Type** | High-Voltage Fixed Resistor | | **Resistance Range** | Typically available from $100\Omega$ up to $1G\Omega$ (depending on sub-model) | | **Power Rating** | High-wattage capability (often $>2W$ depending on size) | | **Voltage Rating** | Designed for kV (Kilovolt) ranges | | **Termination** | Axial Lead or Radial (depending on the X/R variant) | | **Coating** | High-insulation epoxy or silicone coating | --- ### 2. Key Electronic Characteristics #### A. Voltage Coefficient of Resistance (VCR) This part is engineered for a low VCR. In standard resistors, resistance changes as the applied voltage increases; the KEWT-331 series minimizes this "drift" to ensure accuracy in high-voltage sensing circuits. #### B. Thermal Stability The "R/X" variants usually feature a low **Temperature Coefficient (TCR)**, often measured in $ppm/^\circ C$. This ensures that the component does not significantly change its resistance value as it heats up during operation. #### C. Surge Protection The internal composition (often Metal Oxide or Thick Film on Ceramic) allows the part to withstand sudden voltage spikes without catastrophic dielectric breakdown. --- ### 3. Common Applications Due to its high-voltage nature, this part is found in the following electronic assemblies: * **X-Ray Power Supplies:** For voltage division and monitoring. * **Precision Multimeters:** Used in the high-voltage input attenuation stage. * **Air Purifiers/Ionizers:** Managing high-voltage discharge currents. * **Electrostatic Painting Equipment:** Ensuring stable current flow at high potentials. --- ### 4. Circuit Symbol and Implementation In a schematic, this part is represented by the standard resistor symbol, but it is often accompanied by a "High Voltage" warning or a specific creepage distance requirement on the PCB layout. ```text (HV Input) | +-----+-----+ | | [ ] [ ] [ ] KEWT [ ] Load [ ] 331-R/X [ ] | | +-----+-----+ | (GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating voltage for the KEWT-331-R/X series?
    • ⤷ How does the 'R' suffix differ from the 'X' suffix in terms of tolerance?
    • ⤷ What are the recommended PCB creepage distances for this component?