전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KFS-0A-R/Q

  • AI
    The **KFS-0A-R/Q** typically refers to a specialized high-voltage fuse or high-voltage circuit protector component, often found in microwave ovens or industrial power supplies. In many contexts, this part number is associated with **H.V. (High Voltage) fuses** utilized by manufacturers like Galanz or Midea. --- ### 1. General Specifications The components under this series are designed to protect high-voltage circuits from overcurrent conditions. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | High-Voltage Glass/Ceramic Fuse | | **Voltage Rating** | 5kV (5000V) | | **Current Rating** | Typically 0.6A to 0.9A (common for microwave use) | | **Dimensions** | 6mm x 40mm (Standard) | | **Material** | Glass or Ceramic body with metal end caps | --- ### 2. Key Electronic Features * **Arc Suppression:** Because it operates at very high voltages (5000V), the fuse is designed to prevent "arcing" when the internal wire melts. It often contains a spring mechanism to pull the broken ends apart quickly. * **Time-Lag (Slow-Blow):** These are usually "slow-blow" fuses. They can handle a temporary surge of current (like when a microwave transformer first turns on) without blowing immediately. * **Encapsulation:** In most microwave applications, the **KFS-0A-R/Q** is housed inside a plastic safety casing (fuse holder) to prevent high-voltage leakage to the appliance chassis. --- ### 3. Role in the Circuit In a standard microwave oven high-voltage circuit, the fuse is placed between the **High Voltage Transformer** and the **High Voltage Capacitor/Magnetron**. 1. **Overload Protection:** If the Magnetron shorts out, the fuse blows to prevent the transformer from catching fire. 2. **Safety Interlock:** It acts as the final line of defense for the high-energy side of the appliance. --- ### 4. Identification and Safety When replacing this part, the suffixes (R/Q) often refer to specific packaging or terminal styles (e.g., whether it comes with wire leads or just the fuse capsule). > **⚠️ WARNING:** High-voltage capacitors can hold a lethal charge even after the appliance is unplugged. Always discharge the capacitor before touching or replacing a KFS-0A-R/Q fuse.
    ✨ Follow-up Questions
    • ⤷ How do I test if a KFS-0A-R/Q fuse is blown using a multimeter?
    • ⤷ What is the difference between the R and Q suffixes for this component?
    • ⤷ Can I replace a 0.65A fuse with a 0.8A fuse in a microwave circuit?