전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KFS-13-R/Q

  • AI
    The **KFS-13-R/Q** is a high-performance, single-axis **Fiber Optic Gyroscope (FOG)** designed by KVH Industries. It is part of the DSP (Digital Signal Processing) series, primarily used for precision stabilization, navigation, and motion control. --- ### 1. Key Technical Specifications The "R/Q" variants typically refer to specific performance grades or interface configurations within the 1750/1725 series family. | Parameter | Typical Value / Range | | :--- | :--- | | **Technology** | Fiber Optic Gyroscope (FOG) with DSP | | **Input Rate Range** | ±490°/sec (standard) | | **Bias Instability** | ≤ 0.05°/hr (at constant temp) | | **Angle Random Walk** | ≤ 0.012°/√hr | | **Output Interface** | RS-422 (Digital) or Analog | | **Data Rate** | Up to 1000 Hz | | **Input Voltage** | +5 VDC (±5%) | --- ### 2. Core Electronic Components The KFS-13-R/Q utilizes an "Open-loop" or "Closed-loop" architecture enhanced by digital processing. Its internal electronics consist of: #### A. Optical Bench * **SLD (Superluminescent Diode):** The light source that emits broadband light into the fiber. * **Fiber Coil:** High-stability polarization-maintaining (PM) fiber that acts as the sensing element via the Sagnac Effect. * **Integrated Optical Circuit (IOC):** A multifunction chip that splits the light, polarizes it, and provides phase modulation. #### B. Electronic Processing (DSP) * **Photodetector:** Converts the returning interference pattern (light) back into an electrical signal. * **Digital Signal Processor (DSP):** This is the "brain" of the unit. It runs complex algorithms to compensate for temperature drift, scale factor linearity, and vibration noise. * **A/D and D/A Converters:** High-resolution converters (often 16-bit or 24-bit) that interface the analog optical signals with the digital processor. --- ### 3. Pinout and Connectivity The unit typically uses a micro-D sub-connector or a circular aerospace-grade connector. ```text Pin Function --- ------------------ 1 +5V Power Input 2 Ground (Return) 3 RS-422 TX+ (Data Out) 4 RS-422 TX- (Data Out) 5 Case Ground ``` --- ### 4. Typical Applications * **UAVs & Robotics:** High-bandwidth stabilization for camera gimbals and sensors. * **Autonomous Vehicles:** Providing precise heading data when GPS is unavailable (dead reckoning). * **Antenna Tracking:** Keeping satellite dishes locked on target on moving ships or vehicles. * **IMU Integration:** Used as a high-grade z-axis sensor in custom Inertial Measurement Units.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Digital (RS-422) and Analog output versions?
    • ⤷ How does the Sagnac effect enable motion sensing in this device?
    • ⤷ What are the power consumption requirements for the KFS-13-R/Q?