전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KFS-4B-R/Q

  • AI
    The **KFS-4B-R/Q** is a specific series of **Rotary Switches** (often referred to as band switches) commonly used in consumer electronics, small appliances, and industrial control panels. These components are designed to select different circuit paths by rotating a central shaft. --- ### 1. Technical Specifications Below are the typical electronic characteristics of the KFS-4B series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Rotary / Band Switch | | **Voltage Rating** | AC 125V / 250V | | **Current Rating** | 1A to 3A (Depending on specific load) | | **Contact Resistance** | ≤ 50mΩ | | **Insulation Resistance** | ≥ 100MΩ (at DC 500V) | | **Dielectric Strength** | AC 500V for 1 minute | | **Life Cycle** | 10,000+ cycles | --- ### 2. Physical Design & Terminal Layout The "4B" in the part number usually refers to the configuration of positions or poles. * **Rotary Mechanism:** It uses a "click-stop" (detent) mechanism. As you turn the shaft, a spring-loaded ball or clip locks into predefined angles. * **Terminals:** The unit typically features solder-lug terminals arranged in a circular pattern on the bottom or side. * **Shaft Style:** Most models feature a **D-shaped shaft** or a **splined shaft** to ensure the control knob does not slip during operation. --- ### 3. Key Electronic Functions The KFS-4B-R/Q operates as a **Single-Pole Multi-Throw (SPnT)** or **Multi-Pole Multi-Throw** switch. 1. **Circuit Path Selection:** It acts as a mechanical router. One common input pin is connected to one of several output pins depending on the dial position. 2. **R/Q Suffix Meaning:** * **R:** Often denotes "Right-angle" mounting or a specific "Rotation" limit (e.g., restricted to 4 positions). * **Q:** Often refers to "Quick-connect" or a specific terminal plating (like silver or gold) for improved conductivity. --- ### 4. Common Applications * **Kitchen Appliances:** Fan speed controllers for range hoods, air fryers, or blenders. * **Audio Equipment:** Input selectors for amplifiers or channel switchers. * **Heaters:** Selecting between "Low," "Medium," and "High" heat settings. * **Test Equipment:** Changing measurement ranges (Volts/Amps) on analog meters. --- ### 5. Troubleshooting Code Example If you are testing this part using a microcontroller (like an Arduino) to detect the switch position, you can use the following logic: ```cpp // Example: Detecting a 4-position KFS rotary switch const int pos1 = 2; const int pos2 = 3; const int pos3 = 4; const int pos4 = 5; void setup() { pinMode(pos1, INPUT_PULLUP); pinMode(pos2, INPUT_PULLUP); pinMode(pos3, INPUT_PULLUP); pinMode(pos4, INPUT_PULLUP); Serial.begin(9600); } void loop() { if (digitalRead(pos1) == LOW) Serial.println("Position 1 Active"); if (digitalRead(pos2) == LOW) Serial.println("Position 2 Active"); // ... and so on delay(200); } ```
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the KFS-4B-R/Q?
    • ⤷ Can this switch handle DC loads higher than 24V?
    • ⤷ How do I distinguish between the 'R' and 'Q' versions visually?