전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KFS-AB-R

  • AI
    The **KFS-AB-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Tactile Switch** or a specialized connector/interface component, often associated with Kingfont or similar precision hardware manufacturers. It is widely used in consumer electronics for user interface inputs. --- ### 1. Technical Specifications The following table outlines the general electronic and mechanical characteristics of the KFS-AB-R series: | Property | Typical Value | | :--- | :--- | | **Component Type** | Tactile Switch / Micro-switch | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Contact Rating** | 50mA, 12V DC | | **Insulation Resistance** | 100MΩ Min at 100V DC | | **Dielectric Strength** | 250V AC for 1 minute | | **Operating Force** | 160gf to 250gf (varies by sub-model) | | **Travel Distance** | 0.25mm ± 0.1mm | | **Lifecycle** | 100,000 to 500,000 cycles | --- ### 2. Key Electronic Components & Materials The KFS-AB-R is composed of several critical layers that ensure electrical conductivity and tactile feedback: 1. **Contact Dome (The "Heart"):** Usually made of stainless steel with silver plating. This provides the "click" feel and completes the circuit when pressed. 2. **Base (Housing):** Constructed from high-temperature thermoplastic (e.g., LCP or Nylon) to survive the reflow soldering process. 3. **Terminals:** Copper alloy plated with silver or gold to ensure low contact resistance and high solderability. 4. **Cover:** Often a metal shield or film that protects the internal mechanism from dust and provides structural integrity. --- ### 3. Application Use Cases Because of its small footprint and reliability, this part is commonly found in: * **Mobile Devices:** Power or volume buttons in smartphones. * **Wearables:** Function buttons in smartwatches and fitness trackers. * **Automotive:** Interior control panels and key fobs. * **Peripherals:** Reset buttons on routers or mode switches on PC peripherals. --- ### 4. Circuit Implementation In most electronic designs, the KFS-AB-R is implemented using a simple pull-up or pull-down resistor configuration to prevent "floating" logic states. ```c // Example Pseudocode for Debouncing a KFS-AB-R Input if (digitalRead(SWITCH_PIN) == LOW) { delay(20); // Software debounce to handle mechanical noise if (digitalRead(SWITCH_PIN) == LOW) { executeAction(); // Confirmed press } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for PCB layout for the KFS-AB-R?
    • ⤷ Does this component have an IP rating for water or dust resistance?
    • ⤷ What are the recommended reflow soldering temperature profiles for this part?