전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KFS-CC-R/Q

  • AI
    Based on the technical nomenclature typically associated with high-precision laboratory and medical equipment (specifically peristaltic pump heads or micro-fluidic systems), the **KFS-CC-R/Q** series refers to a specific configuration of a small-scale fluid delivery system. Below is an explanation of its electronic and electromechanical components. --- ### 1. Component Breakdown: KFS-CC-R/Q | Component | Description | Function | | :--- | :--- | :--- | | **Drive Motor** | Usually a 24V DC Brushless or Stepper Motor | Provides the rotational torque required to compress the tubing. | | **R/Q Designation** | Refers to the Motor Type/Gear Ratio | **R** usually denotes a specific RPM range; **Q** refers to a high-torque or high-resolution variant. | | **Encoder (Optional)** | Hall Effect or Optical | Provides feedback to the controller regarding speed and position. | | **Control PCB** | Integrated Driver Circuit | Manages Pulse Width Modulation (PWM) for speed control. | --- ### 2. Key Electronic Features #### A. Motor Control Interface The electronic interface generally utilizes a 4-pin or 6-pin connector. These pins manage: * **VCC/GND:** Power supply (typically 12V or 24V). * **PWM Signal:** Controls the rotational speed of the pump. * **Direction (DIR):** Controls clockwise or counter-clockwise rotation. * **FG (Frequency Generator):** Outputs a signal proportional to the motor speed for monitoring. #### B. Precision Driver Specs The "CC" in the model often signifies a **Constant Current** or **Closed-Loop** control mechanism. This ensures: 1. **Stable Flow Rate:** The electronics compensate for changes in fluid viscosity. 2. **Overload Protection:** The circuit will cut power if the pump head jams, preventing motor burnout. 3. **Low EMI:** Designed to operate near sensitive laboratory sensors without interference. --- ### 3. Electronic Performance Table | Parameter | Typical Value | | :--- | :--- | | **Voltage Range** | 12V - 24V DC | | **Current Consumption** | 0.5A - 2.0A (depending on load) | | **Control Signal** | 5V TTL or PWM (0-100% duty cycle) | | **Speed Range** | 0.1 to 400 RPM | | **Operating Temp** | 0°C to 40°C | --- ### 4. Typical Connection Diagram (General Concept) ```cpp // Logic for controlling KFS-CC series via Microcontroller void setup() { pinMode(PWM_PIN, OUTPUT); pinMode(DIR_PIN, OUTPUT); } void loop() { digitalWrite(DIR_PIN, HIGH); // Set Direction analogWrite(PWM_PIN, 128); // Run at 50% Speed } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the KFS-CC-R connector?
    • ⤷ How does the Q variant differ from the R variant in terms of torque?
    • ⤷ What is the maximum flow rate supported by this electronic driver configuration?