전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • KFS-ED-R/Q

  • AI
    The **KFS-ED-R/Q** refers to a high-speed, direct-drive embroidery machine control system (often associated with brands like Feiya or Dahao technology). These systems integrate complex power electronics to manage high-precision needle movement and frame shifting. --- ### 1. Core Electronic Components The system is comprised of several distinct modules that communicate via a central BUS. | Component | Function | Description | | :--- | :--- | :--- | | **Main Control Board** | The "Brain" | Processes design files (DST/DSB), manages logic, and sends pulses to motors. | | **Servo Driver (X/Y)** | Motion Control | Controls the high-speed movement of the embroidery frame. | | **Spindle Inverter** | Rotation Power | Manages the main motor speed for needle penetration and timing. | | **Switching Power Supply** | Voltage Regulation | Converts AC input to DC (usually 5V, 12V, 24V, and 36V/48V). | | **Color Change Board** | Automation | Controls the small motors that switch between different thread needles. | --- ### 2. Technical Specifications & Wiring The "R/Q" designation usually points to specific revisions of the driver architecture, focusing on heat dissipation and noise reduction. #### Key Electronic Features: * **Direct Drive Integration:** The motor is coupled directly to the shaft, reducing mechanical lag. * **Signal Feedback:** Uses high-resolution optical encoders to ensure the needle position is tracked in real-time. * **Protection Circuits:** Includes Over-current, Over-voltage, and Over-heat protection (indicated by error codes like E-01 to E-09 on the display). --- ### 3. Connection Pinout Logic Typically, the interface involves standard industrial connectors: ```markdown [P1] - Power Input (220V AC) [P2] - Motor Output (U, V, W phases) [P3] - Encoder Feedback (A+, A-, B+, B-, Z+, Z-) [P4] - Control Signal (Step/Dir or CAN-Bus) ``` --- ### 4. Common Maintenance & Troubleshooting To maintain the electronic integrity of the KFS-ED-R/Q system: 1. **Voltage Stability:** Always use a voltage stabilizer, as the mainboard is sensitive to surges. 2. **Dust Management:** Conductive lint can bridge contacts on the PCB; use compressed air regularly. 3. **Heat Sinks:** Ensure the cooling fans on the R/Q driver modules are spinning freely.
    ✨ Follow-up Questions
    • ⤷ What are the common error codes for the KFS-ED driver series?
    • ⤷ How do I calibrate the X/Y frame offset on this control board?
    • ⤷ What is the difference between the R and Q versions of this controller?